Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML2246PBF-1 Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRLML2246PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML2246PBF-1 Fiches technique(HTML) 8 Page - International Rectifier

  IRLML2246PBF-1 Datasheet HTML 1Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 2Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 3Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 4Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 5Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 6Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 7Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 8Page - International Rectifier IRLML2246PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRLML2246PbF-1
8
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
October 28, 2014
Micro3 (SOT-23 / TO-236AB) Part Marking Information
Micro3 (SOT-23) (Lead-Free) Package Outline
Dimensions are shown in millimeters (inches)
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
0.08
0.88
0.01
0.89
0.95 BSC
MILLIMET ERS
MIN
e
E
E1
D
L
A
A1
A2
c
M
O
B
S
Y
MIN
MAX
MAX
.036
.0375 BSC
DIMENSIONS
INCHES
b0.30
bbb
0.15
.008
ccc
.006
0.25 BSC
L1
L0.400.60
.0118 BSC
aaa
0.20
.004
2.80
1.20
0
E1
D
5
6
3
12
ccc
CB A
B
5
6
e
e1
A2
A
A1
3X b
aaa C
3 SURF
0
3X L
L1
H
4
7
2.10
e1
1.90 BSC
.075 BSC
.0119
.0032
.111
.083
.048
.055
.119
.103
.0196
.0078
.0039
.044
.0004
.035
.040
.0236
.0158
1.02
0.20
0.50
2.64
3.04
1.40
1.12
0.10
0.10
E
bbb
CB A
L2
0.54 RE F
L2
.021 REF
NOT ES
1. DIMENS IONING AND TOLE RANCING PER AS ME Y14.5M-1994.
4 DATUM PLANE H IS L OCAT ED AT THE MOL D PARTING LINE.
5 DATUM A AND B TO BE DET ER MINE D AT DATUM PLANE H.
6 DIMENS IONS D AND E1 ARE ME ASURE D AT DATUM PLANE H.
2. DIMENS IONS ARE SHOWN IN MILLIMETE RS [INCHES ]
3. CONTR OLLING DIME NSION: MIL LIME TE R.
7 DIMENS ION L IS THE LE AD LE NGT H FOR S OLDERING TO A S UBST RATE.
8. OUTL INE CONFORMS TO JEDE C OUTLINE TO-236AB.
DIME NSIONS DOES NOT INCLUDE MOLD PROTRUS IONS OR
INTER LEAD FLAS H. MOLD PROTRUS ION OR INTE RLE AD FL AS H
SHALL NOT E XCE ED 0.25 MM [.010 INCH] PE R SIDE.
1.90
[.075]
0.95
[.0375]
0.972
[.038]
2.742
[.1079]
0.802
[.031]
RECOMMENDED FOOT PRINT
3X
3X
LEAD AS SIGNMENT
1. GATE
2. S OURCE
3. DRAIN
0.08
0.88
0.01
0.89
0.95 BSC
MILLIMETERS
MIN
e
E
E1
D
L
A
A1
A2
c
M
O
B
S
Y
MIN
MAX
MAX
.036
.0375 BSC
DIMENSIONS
INCHES
b0.30
bbb
0.15
.008
ccc
.006
0.25 BSC
L1
L
0.40
0.60
.0118 BSC
aaa
0.20
.004
2.80
1.20
0
2.10
e1
1.90 BSC
.075 BSC
.0119
.0032
.111
.083
.048
.055
.119
.103
.0196
.0078
.0039
.044
.0004
.035
.040
.0236
.0158
1.02
0.20
0.50
2.64
3.04
1.40
1.12
0.10
0.10
0.54 REF
L2
.021 REF
F = IRLML6401
AA
27
LOT CODE
LEAD FREE
DATE CODE
E = IRLML6402
X = PART NUMBER CODE REFERENCE:
D = IRLML5103
C = IRLML6302
B = IRLML2803
A= IRLML2402
W = (1-26) IF PRECEDED BY LAST DIGIT OF CALENDAR YEAR
W = (27-52) IF PRECEDED BY A LETTER
Y
8
3
1
2
5
4
7
6
0
9
Y
C
03
WORK
WEEK
01
02
A
W
B
04
D
24
26
25
X
Z
Y
WORK
WEEK
W
H = IRLML5203
G = IRLML2502
K
H
G
F
E
D
C
B
J
Y
51
29
28
30
C
B
D
50
X
52
Z
Note: Aline abovethe work week
(as shown here) indicates Lead - Free.
I = IRLML0030
J = IRLML2030
L = IRLML0060
M = IRLML0040
K = IRLML0100
N = IRLML2060
P = IRLML9301
R = IRLML9303
Cu WIRE
HALOGEN FREE
PART NUMBER
X = IRLML2244
W = IRFML8244
V= IRLML6346
U = IRLML6344
T = IRLML6246
S = IRLML6244
Z = IRFML9244
Y = IRLML2246
INDUSTRIAL VERSION
2007
YEAR
2003
2001
2002
2005
2004
2006
2007
2009
2008
2010
2003
2001
YEAR
2002
2005
2004
2006
2009
2008
2010
2017
2013
2011
2012
2015
2014
2016
2017
2019
2018
2020
2013
2011
2012
2015
2014
2016
2019
2018
2020


Numéro de pièce similaire - IRLML2246PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML2246PBF IRF-IRLML2246PBF Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF IRF-IRLML2246PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
More results

Description similaire - IRLML2246PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com