Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML0100PBF-1 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLML0100PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLML0100PBF-1 Fiches technique(HTML) 2 Page - International Rectifier

  IRLML0100PBF-1 Datasheet HTML 1Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 2Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 3Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 4Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 5Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 6Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 7Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 8Page - International Rectifier IRLML0100PBF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com © 2014 International Rectifier Submit Datasheet Feedback
October 27, 2014
IRLML0100PbF-1
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
ΔV(BR)DSS/ΔTJ Breakdown Voltage Temp. Coefficient
–––
0.10
–––
V/°C
–––
190
235
–––
178
220
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
IDSS
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
1.3
–––
Ω
gfs
Forward Transconductance
5.7
–––
–––
S
Qg
Total Gate Charge
–––
2.5
–––
Qgs
Gate-to-Source Charge
–––
0.5
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
1.2
–––
td(on)
Turn-On Delay Time
–––
2.2
–––
tr
Rise Time
–––
2.1
–––
td(off)
Turn-Off Delay Time
–––
9.0
–––
tf
Fall Time
–––
3.6
–––
Ciss
Input Capacitance
–––
290
–––
Coss
Output Capacitance
–––
27
–––
Crss
Reverse Transfer Capacitance
–––
13
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
13
20
nC
–––
–––
–––
–––
pF
A
1.1
7.0
VDD =50Vd
nA
nC
ns
VDS = VGS, ID = 25μA
VDS =100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = 10V, ID = 1.6A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
μA
m
Ω
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 1.3A d
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 4.5V
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
RG = 6.8
Ω
VGS = 4.5V d
di/dt = 100A/μs
d
VGS = 16V
VGS = -16V
TJ = 25°C, IS = 1.1A, VGS = 0V
d
integral reverse
p-n junction diode.
VDS = 50V, ID = 1.6A
ID = 1.6A
ID = 1.0A
TJ = 25°C, VR = 50V, IF=1.1A
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400μs; duty cycle ≤ 2%.
ƒ Surface mounted on 1 in square Cu board
„ Refer to application note #AN-994.


Numéro de pièce similaire - IRLML0100PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML0100PBF IRF-IRLML0100PBF Datasheet
184Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML0100PBF IRF-IRLML0100PBF_15 Datasheet
184Kb / 10P
   Compatible with existing Surface Mount Techniques
More results

Description similaire - IRLML0100PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com