Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLL2705PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRLL2705PBF
Description  ADVANCED PROCESS TECHNOLOGY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRLL2705PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRLL2705PBF_15 Datasheet HTML 1Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 2Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 3Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 4Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 5Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 6Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 7Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 8Page - International Rectifier IRLL2705PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRLL2705PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.061 –––
V/°C Reference to 25°C, ID = 1mA
–––
––– 0.040
VGS = 10V, ID = 3.8A „
–––
––– 0.051
VGS = 5.0V, ID = 3.8A „
–––
––– 0.065
VGS = 4.0V, ID = 1.9A „
VGS(th)
Gate Threshold Voltage
1.0
––– 2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
5.1
––– –––
S
VDS = 25V, ID = 1.9A
–––
–––
25
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
32
48
ID = 3.8A
Qgs
Gate-to-Source Charge
–––
3.5
5.3
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
9.7
14
VGS = 10V, See Fig. 6 and 9 „
td(on)
Turn-On Delay Time
–––
6.2 –––
VDD = 28V
tr
Rise Time
–––
12
–––
ns
ID = 3.8A
td(off)
Turn-Off Delay Time
–––
35
–––
RG = 6.2Ω
tf
Fall Time
–––
22
–––
RD = 7.1Ω, See Fig. 10 „
Ciss
Input Capacitance
–––
870 –––
VGS = 0V
Coss
Output Capacitance
–––
220 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
92
–––
ƒ = 1.0MHz, See Fig. 5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
µA
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
––– –––
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
––– –––
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– 1.3
V
TJ = 25°C, IS = 3.8A, VGS = 0V „
trr
Reverse Recovery Time
–––
58
88
ns
TJ = 25°C, IF = 3.8A
Qrr
Reverse RecoveryCharge
––– 140 210
nC
di/dt = 100A/µs „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
A
30
0.91
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 3.8A, di/dt ≤ 220A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ VDD = 25V, starting TJ = 25°C, L = 15mH
RG = 25Ω, IAS = 3.8A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.


Numéro de pièce similaire - IRLL2705PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLL2705PBF IRF-IRLL2705PBF Datasheet
220Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.04廓 , ID = 3.8A )
IRLL2705PBF IRF-IRLL2705PBF Datasheet
231Kb / 9P
   DYNAMIC DV/DT RATING
More results

Description similaire - IRLL2705PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com