Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL7486MPBF Fiches technique(PDF) 5 Page - International Rectifier

No de pièce IRL7486MPBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL7486MPBF Fiches technique(HTML) 5 Page - International Rectifier

  IRL7486MPBF Datasheet HTML 1Page - International Rectifier IRL7486MPBF Datasheet HTML 2Page - International Rectifier IRL7486MPBF Datasheet HTML 3Page - International Rectifier IRL7486MPBF Datasheet HTML 4Page - International Rectifier IRL7486MPBF Datasheet HTML 5Page - International Rectifier IRL7486MPBF Datasheet HTML 6Page - International Rectifier IRL7486MPBF Datasheet HTML 7Page - International Rectifier IRL7486MPBF Datasheet HTML 8Page - International Rectifier IRL7486MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 
IRL7486MTRPbF
 
5
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
May 14, 2015
Fig 10. Maximum Safe Operating Area
Fig 11. Drain-to-Source Breakdown Voltage
Fig 9. Typical Source-Drain Diode Forward Voltage
Fig 12. Typical Coss Stored Energy
Fig 13. Typical On-Resistance vs. Drain Current
0
5
10
15
20
25
30
35
40
VDS, Drain-to-Source Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.2
0.4
0.6
0.8
1.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Temperature ( °C )
42
43
44
45
46
47
48
49
50
Id = 1.0mA
0
20 40 60 80 100 120 140 160 180 200
ID, Drain Current (A)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vgs = 3.5V
Vgs = 4.0V
Vgs = 4.5V
Vgs = 5.5V
Vgs = 6.0V
Vgs = 8.0V
Vgs = 10V
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION
IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC


Numéro de pièce similaire - IRL7486MPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL7486MTRPBF IRF-IRL7486MTRPBF Datasheet
511Kb / 11P
   Brushed Motor drive applications
More results

Description similaire - IRL7486MPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com