Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAX1419 Fiches technique(PDF) 3 Page - Maxim Integrated Products

No de pièce MAX1419
Description  15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1419 Fiches technique(HTML) 3 Page - Maxim Integrated Products

  MAX1419 Datasheet HTML 1Page - Maxim Integrated Products MAX1419 Datasheet HTML 2Page - Maxim Integrated Products MAX1419 Datasheet HTML 3Page - Maxim Integrated Products MAX1419 Datasheet HTML 4Page - Maxim Integrated Products MAX1419 Datasheet HTML 5Page - Maxim Integrated Products MAX1419 Datasheet HTML 6Page - Maxim Integrated Products MAX1419 Datasheet HTML 7Page - Maxim Integrated Products MAX1419 Datasheet HTML 8Page - Maxim Integrated Products MAX1419 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
15-Bit, 65Msps ADC with -79.3dBFS
Noise Floor for Baseband Applications
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = 5V, DVCC = DRVCC = 2.5V, GND = 0, INP and INN driven differentially with -1dBFS, CLKP and CLKN driven differentially
with a 2VP-P sinusoidal input signal, CL = 5pF at digital outputs, fCLK = 65MHz, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C, unless otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and char-
acterization.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIN = 5MHz at -1dBFS
76.3
fIN = 15MHz at -1dBFS
73
75.9
Signal-to-Noise and Distortion
(Note 1)
fIN = 25MHz at -1dBFS
74.3
dB
fIN = 5MHz at -1dBFS
96.5
fIN = 15MHz at -1dBFS
84
93.5
Spurious-Free Dynamic Range
(HD2 and HD3)
(Note 1)
SFDR1
fIN = 25MHz at -1dBFS
80.5
dBc
fIN = 5MHz at -1dBFS
94.5
fIN = 15MHz at -1dBFS
85.5
94.5
Spurious-Free Dynamic Range
(HD4 and Higher)
(Note 1)
SFDR2
fIN = 25MHz at -1dBFS
93.2
dBc
Two-Tone Intermodulation
Distortion
TTIMD
fIN1 = 10MHz at -7dBFS;
fIN2 = 15MHz at -7dBFS
-91
dBc
Two-Tone Spurious-Free
Dynamic Range
SFDRTT
fIN1 = 10MHz at -10dBFS < fIN1 < -100dBFS;
fIN2 = 15MHz at -10dBFS < fIN2 < -100dBFS
-105
dBFS
DIGITAL OUTPUTS (D0–D14, DAV, DOR)
Digital Output Voltage Low
VOL
0.5
V
Digital Output Voltage High
VOH
DVCC -
0.5
V
TIMING CHARACTERISTICS (DVCC = DRVCC = 2.5V) Figure 4
CLKP/CLKN Duty Cycle
Duty cycle
50
±5
%
Effective Aperture Delay
tAD
230
ps
Output Data Delay
tDAT
(Note 3)
3
4.5
7.5
ns
Data Valid Delay
tDAV
(Note 3)
5.3
6.5
8.7
ns
Pipeline Latency
tLATENCY
3
Clock
cycles
CLKP Rising Edge to DATA
Not Valid
tDNV
(Note 3)
2.6
3.8
5.7
ns
CLKP Rising Edge to DATA
Valid (Guaranteed)
tDGV
(Note 3)
3.4
5.2
8.6
ns
DATA Setup Time
(Before DAV Rising Edge)
tSETUP
(Note 3)
tCLKP -
0.5
tCLKP
+ 1.3
tCLKP
+ 2.4
ns
DATA Hold Time
(After DAV Rising Edge)
tHOLD
(Note 3)
tCLKN -
3.6
tCLKN -
2.8
tCLKN -
2.0
ns


Numéro de pièce similaire - MAX1419

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1419 MAXIM-MAX1419 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1419 MAXIM-MAX1419 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1419ETN MAXIM-MAX1419ETN Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
More results

Description similaire - MAX1419

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1429 MAXIM-MAX1429 Datasheet
219Kb / 18P
   15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Rev 0; 10/04
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
   Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
logo
Linear Technology
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
   14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com