Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54CV Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BAT54CV
Description  Two Schottky barrier double diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54CV Fiches technique(HTML) 1 Page - NXP Semiconductors

  BAT54CV_15 Datasheet HTML 1Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 2Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 3Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 4Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 5Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 6Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 7Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 8Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Two planar Schottky barrier double diodes with common cathodes and an integrated
guard ring for stress protection encapsulated in a SOT666 ultra small and flat lead
Surface-Mounted Device (SMD) plastic package.
1.2 Features and benefits
Low forward voltage
Low capacitance
AEC-Q101 qualified
Ultra small and flat lead SMD plastic package
Excellent coplanarity and improved thermal behavior
1.3 Applications
Ultra high-speed switching
Voltage clamping
Line termination
Reverse polarity protection
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
BAT54CV
Two Schottky barrier double diodes
Rev. 3 — 15 November 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
[1]
IF =0.1 mA
-
-
240
mV
IF =1mA
-
-
320
mV
IF =10mA
-
-
400
mV
IF =30mA
-
-
500
mV
IF = 100 mA
-
-
800
mV


Numéro de pièce similaire - BAT54CV_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT54CV NXP-BAT54CV Datasheet
103Kb / 9P
   Two Schottky barrier double diodes in ultra small SOT666 package
Rev. 02-15 January 2010
logo
Rectron Semiconductor
BAT54CV RECTRON-BAT54CV Datasheet
633Kb / 5P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
More results

Description similaire - BAT54CV_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com