Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT18 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BAT18
Description  Silicon planar diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT18 Fiches technique(HTML) 3 Page - NXP Semiconductors

  BAT18_15 Datasheet HTML 1Page - NXP Semiconductors BAT18_15 Datasheet HTML 2Page - NXP Semiconductors BAT18_15 Datasheet HTML 3Page - NXP Semiconductors BAT18_15 Datasheet HTML 4Page - NXP Semiconductors BAT18_15 Datasheet HTML 5Page - NXP Semiconductors BAT18_15 Datasheet HTML 6Page - NXP Semiconductors BAT18_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9397 750 13385
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2004
3 of 7
Philips Semiconductors
BAT18
Silicon planar diode
(1) Tj = 60 °C; typical values.
(2) Tj = 25 °C; typical values.
(3) Tj = 25 °C; maximum values.
VR = 20 V.
(1) maximum values.
(2) typical values.
Fig 1.
Forward current as a function of forward
voltage.
Fig 2.
Reverse current as a function of junction
temperature.
f = 1 MHz; Tj = 25 °C.
f = 200 MHz; Tj = 25 °C.
Fig 3.
Diode capacitance as a function of reverse
voltage; typical values.
Fig 4.
Diode forward resistance as a function of
forward current; typical values.
001aab165
VF (V)
0.3
1.5
1.1
0.7
40
60
20
80
100
IF
(mA)
0
(1)
(2)
(3)
001aab166
102
1
10
104
103
105
IR
(nA)
10−1
Tj (°C)
0
160
120
40
80
(1)
(2)
VR (V)
10-1
102
10
1
001aab167
0.9
1.1
0.7
1.3
1.5
Cd
(pF)
0.5
2
0
102
001aab168
10
1
1
rD
(
Ω)
IF (mA)


Numéro de pièce similaire - BAT18_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Siemens Semiconductor G...
BAT18- SIEMENS-BAT18- Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
BAT18-04 SIEMENS-BAT18-04 Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04 Datasheet
432Kb / 3P
   Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18-04 KEXIN-BAT18-04 Datasheet
35Kb / 1P
   Silicon RF Switching Diode
More results

Description similaire - BAT18_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
   Silicon Planar Diode
Rev. 2, 01-Apr-99
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Vishay Siliconix
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
   Silicon Planar Diode
Rev. 3, 18-Mar-99
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
CDG22 SEMTECH-CDG22 Datasheet
50Kb / 1P
   SILICON PLANAR BIASING DIODE
logo
GOOD-ARK Electronics
1N4148 GOOD-ARK-1N4148 Datasheet
249Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
LL4448 GOOD-ARK-LL4448 Datasheet
211Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com