Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MAX1265 Datasheet(Fiches technique) 6 Page - Maxim Integrated Products

Numéro de pièce MAX1265
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Télécharger  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  http://www.maxim-ic.com
Logo 

 6 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +3V, VREF = +2.500V, fCLK = 4.8MHz, CL = 20pF, TA = +25°C, unless otherwise noted.)
85
2.48
2.49
2.51
2.50
2.52
2.53
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
60
35
10
-15
-2.5
-2.0
-1.0
-1.5
-0.5
0
OFFSET ERROR vs. SUPPLY VOLTAGE
VDD (V)
2.7
3.3
3.0
3.6
-2.5
-1.5
-2.0
-0.5
-1.0
0
0.5
-40
10
-15
35
60
85
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-3.0
-1.0
-2.0
0
1.0
2.7
3.3
3.0
3.6
GAIN ERROR vs. SUPPLY VOLTAGE
VDD (V)
-2.0
-1.5
-0.5
-1.0
0
0.5
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-40
10
-15
35
60
85
3.6
2.48
2.49
2.51
2.50
2.52
2.53
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
VDD (V)
2.7
3.3
3.0
-140
-120
-100
-80
-60
-40
-20
0
20
0
200
400
600
800
1000
FFT PLOT
FREQUENCY (kHz)
VDD = 3V
fIN = 50kHz
fSAMPLE = 250ksps




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MAX1295265ksps +3V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1261250ksps +3V 8-/4-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1291250ksps +3V 8-/4-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1266420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1091250ksps +3V 8-/4-Channel 10-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1294420ksps +5V 6-/2-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1292400ksps +5V 8-/4-Channel 12-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1064400ksps +5V 8-/4-Channel 10-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
MAX1090400ksps +5V 8-/4-Channel 10-Bit ADCs with +2.5V Reference and Parallel Interface 1 2 3 4 5 MoreMaxim Integrated Products
AD79388-Channel 1.5 MSPS 12-Bit and 10-Bit Parallel ADCs with a Sequencer 1 2 3 4 5 MoreAnalog Devices

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl