Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1PS70SB10_15 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 1PS70SB10_15
Description  Schottky barrier single diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS70SB10_15 Fiches technique(HTML) 1 Page - NXP Semiconductors

  1PS70SB10_15_15 Datasheet HTML 1Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 2Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 3Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 4Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 5Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 6Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 7Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 8Page - NXP Semiconductors 1PS70SB10_15_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1PS70SB10
Schottky barrier single diode
17 December 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a very small SOT323 Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
Low forward voltage
Low capacitance
AEC-Q101 qualified
3. Applications
Ultra high-speed switching
Line termination
Voltage clamping
Reverse polarity protection
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 10 mA; Tamb = 25 °C
-
-
400
mV
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
A
anode
2
n.c.
not connected
3
K
cathode
1
2
3
SC-70 (SOT323)
aaa-005805
A
K
n.c.


Numéro de pièce similaire - 1PS70SB10_15_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1PS70SB10 PHILIPS-1PS70SB10 Datasheet
62Kb / 8P
   Schottky barrier double diodes
1999 Apr 26
1PS70SB10 PHILIPS-1PS70SB10 Datasheet
57Kb / 8P
   Schottky barrier (double) diodes
1999 Apr 26
logo
Guangdong Kexin Industr...
1PS70SB10 KEXIN-1PS70SB10 Datasheet
49Kb / 1P
   Schottky barrier (double) diodes
logo
Nexperia B.V. All right...
1PS70SB10 NEXPERIA-1PS70SB10 Datasheet
595Kb / 9P
   Schottky barrier single diode
17 December 2012
More results

Description similaire - 1PS70SB10_15_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com