Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP64-04W Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BAP64-04W
Description  Silicon PIN diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-04W Fiches technique(HTML) 2 Page - NXP Semiconductors

  BAP64-04W_15 Datasheet HTML 1Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 2Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 3Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 4Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 5Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 6Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 7Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 8Page - NXP Semiconductors BAP64-04W_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2001 Jan 29
2
NXP Semiconductors
Product specification
Silicon PIN diode
BAP64-04W
FEATURES
 High voltage, current controlled
 RF resistor for RF attenuators and switches
 Low diode capacitance
 Low diode forward resistance
 Low series inductance
 For applications up to 3 GHz.
APPLICATIONS
 RF attenuators and switches.
DESCRIPTION
Two planar PIN diodes in series configuration in a SOT323
small SMD plastic package.
PINNING
PIN
DESCRIPTION
1
anode
2
cathode
3
common connection
handbook, halfpage
2
1
3
MAM434
1
2
3
Marking code: 4W-.
Fig.1 Simplified outline (SOT323) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
100
V
IF
continuous forward current
100
mA
Ptot
total power dissipation
Ts =90 C
240
mW
Tstg
storage temperature
65
+150
C
Tj
junction temperature
65
+150
C


Numéro de pièce similaire - BAP64-04W_15

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
BAP64-04W JMNIC-BAP64-04W_15 Datasheet
67Kb / 8P
   Silicon PIN diode
More results

Description similaire - BAP64-04W_15

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com