Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34280M1 Fiches technique(PDF) 9 Page - Mitsubishi Electric Semiconductor

No de pièce M34280M1
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34280M1 Fiches technique(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M34280M1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
MITSUBISHI
ELECTRIC
9
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Fig. 10 ROM map of M34280M1
PROGRAM MEMORY (ROM)
The program memory is a mask ROM. 1 word of ROM is
composed of 9 bits. ROM is separated every 128 words by the
unit of page (addresses 0 to 127).
Table 1 ROM size and pages
Fig. 11 RAM map
Page 2 (addresses 010016 to 017F16) is the special page for
subroutine calls. Subroutines written in this page can be called
from any page with the 1-word instruction (BM). Subroutines
extending from page 2 to another page can also be called with
the BM instruction when it starts on page 2.
ROM pattern of all addresses can be used as data areas with
the TABP p instruction.
DATA MEMORY (RAM)
1 word of RAM is composed of 4 bits, but 1-bit manipulation
(with the SB j, RB j, and SZB j instructions) is enabled for the
entire memory area. A RAM address is specified by a data
pointer. The data pointer consists of registers X and Y. Set a
value to the data pointer certainly when executing an instruction
to access RAM.
Table 2 shows the RAM size. Figure 12 shows the RAM map.
Product
M34280M1
M34280E1
ROM size (! 9 bits)
1024 words
Pages
8 (0 to 7)
Product
M34280M1
M34280E1
RAM size
32 words ! 4 bits (128 bits)
Table 2 RAM size
Register X
0
1
2
3
4
5
6
7
0 1
RAM 32 words
× 4 bits (128 bits)
23
32 words
0
876
54321
000016
008016
017F16
Subroutine special page
007F16
00FF16
010016
03FF16
018016
Page 1
Page 2
Page 0
Page 3
Page 7


Numéro de pièce similaire - M34280M1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M34280M1-XXXFP RENESAS-M34280M1-XXXFP Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M34280M1-XXXGP RENESAS-M34280M1-XXXGP Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
More results

Description similaire - M34280M1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Mitsubishi Electric Sem...
M34551M4 MITSUBISHI-M34551M4 Datasheet
698Kb / 68P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
   4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com