Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34280M1 Fiches technique(PDF) 38 Page - Mitsubishi Electric Semiconductor

No de pièce M34280M1
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34280M1 Fiches technique(HTML) 38 Page - Mitsubishi Electric Semiconductor

Back Button M34280M1 Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M34280M1 Datasheet HTML 42Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
MITSUBISHI
ELECTRIC
43
MITSUBISHI MICROCOMPUTERS
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
PROGRAM ALGORITHM FLOW CHART
START
VDD = 4V,VPP = 12.5V
ADRS = first location
X=0
WRITE PROGRAM
DATA
X = X + 1
PROGRAM ONE PULSE
OF 0.2ms
X = 25?
VERIFY
BYTE?
YES
NO
FAIL
PASS
LAST
ADRS?
NO
YES
READ COMMAND
DEVICE
PASSED
VERIFY
BYTE?
PASS
FAIL
DEVICE
FAILED
INC ADRS
3516
DIN
WRITE PROGRAM-VERIFY
COMMAND
VERIFY
ALL BYTE?
FAIL
PASS
1516
PROGRAM PULSE OF
0.2Xms DURATION
WRITE PROGRAM
COMMAND
2516
WRITE PROGRAM
DATA
DIN
VDD = 4V,VPP = 4V


Numéro de pièce similaire - M34280M1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M34280M1-XXXFP RENESAS-M34280M1-XXXFP Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M34280M1-XXXGP RENESAS-M34280M1-XXXGP Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
More results

Description similaire - M34280M1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Mitsubishi Electric Sem...
M34551M4 MITSUBISHI-M34551M4 Datasheet
698Kb / 68P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
   4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com