Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8950 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TDA8950
Description  2 X 150 W class-D power amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8950 Fiches technique(HTML) 1 Page - NXP Semiconductors

  TDA8950_15 Datasheet HTML 1Page - NXP Semiconductors TDA8950_15 Datasheet HTML 2Page - NXP Semiconductors TDA8950_15 Datasheet HTML 3Page - NXP Semiconductors TDA8950_15 Datasheet HTML 4Page - NXP Semiconductors TDA8950_15 Datasheet HTML 5Page - NXP Semiconductors TDA8950_15 Datasheet HTML 6Page - NXP Semiconductors TDA8950_15 Datasheet HTML 7Page - NXP Semiconductors TDA8950_15 Datasheet HTML 8Page - NXP Semiconductors TDA8950_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1.
General description
The TDA8950 is a high-efficiency Class D audio power amplifier. The typical output power
is 2
× 150 W with a speaker load impedance of 4 Ω.
The TDA8950 is available in both HSOP24 and DBS23P power packages. The amplifier
operates over a wide supply voltage range from
±12.5 V to ±40 V and features low
quiescent current consumption.
2.
Features
I Pin compatible with TDA8920B for both HSOP24 and DBS23P packages
I Symmetrical operating supply voltage range from ±12.5 V to ±40 V
I Stereo full differential inputs, can be used as stereo Single-Ended (SE) or mono
Bridge-Tied Load (BTL) amplifier
I High output power in typical applications:
N SE 2 × 150 W, RL =4 Ω (VP = ±37 V)
N SE 2 × 170 W, RL =4 Ω (VP = ±39 V)
N SE 2 × 100 W, RL =6 Ω (VP = ±37 V)
N BTL 1 × 300 W, RL =8 Ω (VP = ±37 V)
I Low noise
I Smooth pop noise-free start-up and switch off
I Zero dead time switching
I Fixed frequency
I Internal or external clock
I High efficiency
I Low quiescent current
I Advanced protection strategy: voltage protection and output current limiting
I Thermal FoldBack (TFB)
I Fixed gain of 30 dB in SE and 36 dB in BTL applications
I Fully short-circuit proof across load
I BD modulation in BTL configuration
3.
Applications
I DVD
I Mini and micro receiver
I Home Theater In A Box (HTIAB) system
I High-power speaker system
TDA8950
2
× 150 W class-D power amplifier
Rev. 02 — 11 June 2009
Product data sheet


Numéro de pièce similaire - TDA8950_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8950J NXP-TDA8950J Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950J PHILIPS-TDA8950J Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950TH NXP-TDA8950TH Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950TH PHILIPS-TDA8950TH Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
More results

Description similaire - TDA8950_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8950J-N1112 PHILIPS-TDA8950J-N1112 Datasheet
242Kb / 39P
   2 쨈 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com