Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8932B Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8932B Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8932B_15 Datasheet HTML 5Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 6Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 7Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 8Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 9Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 10Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 11Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 12Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
9 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
8.4.1 Thermal Foldback (TF)
If the junction temperature of the TDA8932B exceeds the threshold level (Tj > 140 °C) the
gain of the amplifier is decreased gradually to a level where the combination of dissipation
(P) and the thermal resistance from junction to ambient [Rth(j-a)] results in a junction
temperature around the threshold level.
This means that the device will not completely switch off, but remains operational at lower
output power levels. Especially with music output signals this feature enables high peak
output power while still operating without any external heat sink other than the
printed-circuit board area.
If the junction temperature still increases due to external causes, the OTP shuts down the
amplifier completely.
8.4.2 OverTemperature Protection (OTP)
If the junction temperature Tj > 155 °C, then the power stage will shut down immediately.
8.4.3 OverCurrent Protection (OCP)
When the loudspeaker terminals are short-circuited or if one of the demodulated outputs
of the amplifier is short-circuited to one of the supply lines, this will be detected by the
OCP.
If the output current exceeds the maximum output current (IO(ocp) > 4 A), this current will
be limited by the amplifier to 4 A while the amplifier outputs remain switching (the amplifier
is NOT shutdown completely). This is called current limiting.
The amplifier can distinguish between an impedance drop of the loudspeaker and a
low-ohmic short-circuit across the load or to one of the supply lines. This impedance
threshold depends on the supply voltage used:
In case of a short-circuit across the load, the audio amplifier is switched off completely
and after approximately 100 ms it will try to restart again. If the short-circuit condition
is still present after this time, this cycle will be repeated. The average dissipation will
be low because of this low duty cycle.
In case of a short to one of the supply lines, this will trigger the OCP and the amplifier
will be shut down. During restart the window protection will be activated. As a result
the amplifier will not start until 100 ms after the short to the supply lines is removed.
In case of impedance drop (e.g. due to dynamic behavior of the loudspeaker) the
same protection will be activated. The maximum output current is again limited to 4 A,
but the amplifier will NOT switch off completely (thus preventing audio holes from
occurring). The result will be a clipping output signal without any artifacts.
8.4.4 Window Protection (WP)
The WP checks the PWM output voltage before switching from Sleep mode to Mute mode
(outputs switching) and is activated:
During the start-up sequence, when pin POWERUP is switched from Sleep mode to
Mute mode. In the event of a short-circuit at one of the output terminals to VDDP1,
VSSP1, VDDP2 or VSSP2 the start-up procedure is interrupted and the TDA8932B waits
for open-circuit outputs. Because the check is done before enabling the power stages,
no large currents will flow in the event of a short-circuit.


Numéro de pièce similaire - TDA8932B_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Description similaire - TDA8932B_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com