Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8595 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA8595
Description  I2C-bus controlled 4 ??45 W power amplifier
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8595 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA8595_15 Datasheet HTML 5Page - NXP Semiconductors TDA8595_15 Datasheet HTML 6Page - NXP Semiconductors TDA8595_15 Datasheet HTML 7Page - NXP Semiconductors TDA8595_15 Datasheet HTML 8Page - NXP Semiconductors TDA8595_15 Datasheet HTML 9Page - NXP Semiconductors TDA8595_15 Datasheet HTML 10Page - NXP Semiconductors TDA8595_15 Datasheet HTML 11Page - NXP Semiconductors TDA8595_15 Datasheet HTML 12Page - NXP Semiconductors TDA8595_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
TDA8595
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 11 June 2013
9 of 51
NXP Semiconductors
TDA8595
I2C-bus controlled 4
 45 W power amplifier
When the amplifier is switched off by pulling the STB pin LOW, the amplifier is first muted
(fast mute) and then the capacitor on the SVR pin is discharged. With an SVR capacitor of
22
F the standby current is reached 1 second after the STB pin is switched to zero (see
Figure 4, Figure 5, Figure 6 and Figure 7).
The start-up and shut-down pop can be further decreased by activating the low pop mode.
When the low pop mode is enabled (IB2[D3] = 0), the output voltage rise from ground
level during start-up will be slower (see Figure 6). This will decrease the pop even more
but will increase the start-up time.
Fig 4.
Start-up and shut-down timing in I2C-bus mode
tamp_on
td(mute_off)
fast
mute
VP
DIAG
DB2 bit D7
POR
IB1 bit D0
start enable
001aad168
STB
SVR
amplifier
output
toff
twake
td(soft_mute)
td(fast_mute)


Numéro de pièce similaire - TDA8595_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8595J NXP-TDA8595J Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595SD NXP-TDA8595SD Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8595TH NXP-TDA8595TH Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
More results

Description similaire - TDA8595_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
   I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
logo
Texas Instruments
TPA0172 TI-TPA0172 Datasheet
474Kb / 31P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
TPA0172 TI-TPA0172_15 Datasheet
957Kb / 36P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com