Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M34250M2 Datasheet(Fiches technique) 6 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M34250M2
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER    
Télécharger  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 6 page
background image
MITSUBISHI
ELECTRIC
6
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PORT FUNCTION
Control
bits
1
4
4
2
Control
instructions
SD
RD
SZD
CLD
SCP
RCP
SNZCP
OKA
IAK
OSA
IAS
LGOP
OGA
IAG
OFA
IAF
Control
registers
PU0
K0
LO
PU0, K0
PU0, K0
V1
PU0, K0
Output structure
N-channel open-drain
N-channel open-drain
N-channel open-drain
N-channel open-drain
Input/
Output
I/O
(4)
I/O
(4)
I/O
(4)
I/O
(2)
Remark
Pull-up function
(programmable)
Logic operation function
(programmable)
Key-on wakeup functions
(programmable)
Pull-up functions
Key-on wakeup functions
(only pull-up function is
programmable)
Pull-up functions
(programmable)
Key-on wakeup functions
(programmable)
Pin
D0, D1
D2/C
D3/K
S0–S3
G0/INT
G1/TOUT
G2, G3
F0, F1
Port
Port D
Port S
Port G
Port F
DEFINITION OF CLOCK AND CYCLE
• System clock
This is the source clock input to the XIN pin. Connect pins XIN
and XOUT directly. Then, pull up XIN pin through a resistor and
pull down XOUT pin through a capacitor.
• Instruction clock
The instruction clock is a signal derived by dividing the system
clock by 4, and is the basic clock for controlling this product.
• Machine cycle
One machine cycle is the time required to execute the minimum
instruction (one-cycle instruction). The machine cycle is
equivalent to the instruction clock cycle.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KS57C0301The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
LC6543NCMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1 2 3 4 5 MoreSanyo Semicon Device
UPD75P664-Bit Single-Chip One-Time Programmable OTP CMOS Microcomputer With Comparator 1 2 3 4 5 MoreNEC
MB88210CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER 1 2 3 4 5 MoreFujitsu Component Limited.
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
M34280M1SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
M34570M4SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl