Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA79L11F Fiches technique(PDF) 8 Page - KEC(Korea Electronics)

No de pièce KIA79L11F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA79L11F Fiches technique(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA79L11F Datasheet HTML 4Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 5Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 6Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 7Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 8Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 9Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 10Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 11Page - KEC(Korea Electronics) KIA79L11F Datasheet HTML 12Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1997. 3. 26
8/14
KIA79L05F~KIA79L24F
Revision No : 2
ELECTRICAL CHARACTERISTICS
KIA79L15F
(Unless otherwise specified, VIN=-23V, IOUT=40mA, CIN=0.33 F, COUT=0.1 F, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
-15.6
-15.0
-14.4
V
Input Regulation
Reg line
1
Tj=25
-30V VIN -17.5V
-
130
300
mV
-30V VIN -20V
-
110
250
Load Regulation
Reg load
1
Tj=25
1.0mA IOUT 100mA
-
25
150
mV
1.0mA IOUT 40mA
-
12
75
Output Voltage
VOUT
1
-30V VIN -17.5V
1.0mA IOUT 40mA
-15.75
-
-14.25
V
VIN=-23V, 1.0mA IOUT 70mA
-15.75
-
-14.25
Quiescent Current
IB
1
Tj=25
-
3.3
6.5
mA
Tj=125
-
-
6.0
Quiescent Current Change
IBI
1
-30V VIN -20V
-
-
1.5
mA
IBO
1.0mA IOUT 40mA
-
-
0.1
Output Noise Voltage
VNO
3
Ta=25 , 10Hz f 100kHz
-
90
-
Vrms
Long Term Stability
VOUT/ t
1
-
30
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
-28.5V VIN -18.5V,
Tj=25 , f=120Hz
34
39
-
dB
Dropout Voltage
VIN-
VOUT
1
Tj=25 , IOUT=40mA
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-1.3
-
mV/


Numéro de pièce similaire - KIA79L11F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA79L10BP KEC-KIA79L10BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L10F KEC-KIA79L10F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L12BP KEC-KIA79L12BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L12F KEC-KIA79L12F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
KIA79L15BP KEC-KIA79L15BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results

Description similaire - KIA79L11F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com