Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78D18AF Fiches technique(PDF) 8 Page - KEC(Korea Electronics)

No de pièce KIA78D18AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D18AF Fiches technique(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA78D18AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA78D18AF Datasheet HTML 11Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2014. 5. 13
8/11
KIA78D15AF~KIA78D05AF
Revision No : 0
Fig.9-2 DROPOUT VOLTAGE
(KIA78D05AF)
OUTPUT CURRENT (A)
Fig.9-1 DROPOUT VOLTAGE
(KIA78D33AF)
OUTPUT CURRENT (A)
0.00
0.0
0.2
0.40
0.20
1.0
0.8
0.6
0.4
0.60
0.80
1.00
0.00
0.0
0.2
0.40
0.20
1.0
0.8
0.6
0.4
0.60
0.80
1.00
Fig.10 PD -Ta (DPAK)
AMBIENT TEMPERATURE Ta ( C)
0
150
50
100
3
0
6
9
15
12
THERMAL RESISTANCE
J-C
12.5
J-A
125
C/W
PD2
PD1


Numéro de pièce similaire - KIA78D18AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78D10 KEC-KIA78D10 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D10 KEC-KIA78D10 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D10 KEC-KIA78D10 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D10F KEC-KIA78D10F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D10F KEC-KIA78D10F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA78D18AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com