Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78D15AF Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KIA78D15AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78D15AF Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KIA78D15AF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78D15AF Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2014. 5. 13
3/11
KIA78D15AF~KIA78D05AF
Revision No : 0
Electrical Characteristics
(VIN = VOUT(typ.)+2V for VOUT≻2.0V, VIN = 2.5V for VOUT ≤ 2.0V, Ta = 25℃, CIN = COUT = 1μ
F, unless otherwise specified.)
* Dropout Voltage is not guaranteed in the model less than Vout=2.0V
CHARACTERISTIC
SYMBOL
Test Conditions
Min.
Typ.
Max.
Units
Quiescent Current
IB
IOUT = 0mA
-
2
5
mA
Output Voltage
VOUT
IOUT = 1mA
×0.98
-
×1.02
V
Dropout Voltage *
VD
VIN = 0.95
VOUT, IOUT = 500mA
-
0.25
0.5
V
Line Regulation
Reg Line
VOUT(typ.)+1.5V≤VDD≤VOUT(typ.)+ 2.5V,
IOUT = 1mA
-
0.05
0.1
%/V
Load Regulation
Reg Load
1mA
≤I
OUT≤1000mA
-
20
100
mV
VOUT Temperature Coefficient
ΔV
OUT/ΔT
IOUT = 1mA, -40℃≤Top≤85℃
-
100
-
ppm/
Ripple Rejection
R
・R
f=1kHz, Vripple=1.0V, IOUT = 10mA
-
70
-
dB
Output Noise Voltage
VNO
fBW=20~80kHz, IOUT = 10mA
-
100
-
μVrms


Numéro de pièce similaire - KIA78D15AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78D15 KEC-KIA78D15 Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15 KEC-KIA78D15 Datasheet
67Kb / 6P
   SEMICONDUCTOR
KIA78D15 KEC-KIA78D15 Datasheet
893Kb / 6P
   SEMICONDUCTOR
KIA78D15F KEC-KIA78D15F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78D15F KEC-KIA78D15F Datasheet
67Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Description similaire - KIA78D15AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com