Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAB110 Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce SMAB110
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB110 Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  SMAB110 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB110 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 7. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMAB110
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
・Low Profile Surface Mount Package.
・Low Power Loss, High Efficiency.
・For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
・Switching Power Supply.
・DC/DC Converter.
・Home Appliances, Office Equipment.
・Telecommunication.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=1.0A
-
-
0.80
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
1
mA
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
23
℃/W
Rth(j-a)
Junction to ambient
(on alumina substrate)
-
-
108
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Average Output Rectitifed Current
IO
1
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
30
A
Junction Temperature
Tj
-55
~125
Storage Temperature Range
Tstg
-55
~150


Numéro de pièce similaire - SMAB110

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
SMAB110 KEC-SMAB110 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY APPLICATIONS)
More results

Description similaire - SMAB110

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com