Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M32171F4VFP Datasheet(Fiches technique) 22 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 22 page
background image
Mitsubishi Microcomputers
22
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32171 Group
Built-in 37-Channel Multijunction Timers (MJT)
The microcomputer contains a total of 37 channels of
multijunction timers consisting of 11 channels of 16-bit out-
put related timers, 10 channels of 16-bit input/output related
timers, eight channels of 16-bit input related timers, eight
channels of 32-bit input related timers, Each timer has mul-
tiple operation modes to choose from, depending on the pur-
poses of use.
Also, the maltijunction timers internally have a clock bus, in-
put event bus, and an output event bus, so that multiple tim-
ers can be used in combination allowing for a flexible timer
configuration.
The output related timers have a correcting function that
allows the timer’s count value to be incremented or
decremented as necessary while count is in progress, mak-
ing real time output control possible.
Figure 12 Conceptual Diagram of the Multijunction Timer (MJT)
Timer
CLK
EN
E/L
PRS
E/L
Timer
CLK
EN
Interrupt output
Interrupt output
F/F
TO pin
TIN pin
TCLK pin
Note: This is a conceptual diagram and does not show the actual timer configuration.
E/L
PRS
: Edge/Level selector
: Prescaler
: Junction box (Selector)
: Output flip-flop
F/F
To DMAC,
A-D converter
F/F
TO pin
·
·
·
·
·
·
·
Output related timer : 11ch
Input/output related timer : 10ch
16-bit input related timer : 8ch
32-bit input related timer : 8ch
1/2 internal
peripheral clock




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl