Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M32171F4VFP Datasheet(Fiches technique) 12 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 12 page
background image
Mitsubishi Microcomputers
12
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32171 Group
Figure 4 Address Space of the M32171F4VFP
BOOT ROM
area
(8K bytes)
H'0000 0000
H'FFFF FFFF
< Logical space of the M32171F4VFP >
H'7FFF FFFF
H'8000 0000
User space
EIT vector entry
Logical address
H'BFFF FFFF
H'C000 0000
Boot
program
space
System
space
(16M bytes)
H'0000 0000
H'00FF FFFF
H'007F FFFF
H'0080 0000
SFR area
(16K bytes)
H'0080 3FFF
H'0080 4000
H'001F FFFF
H'0020 0000
H'003F FFFF
H'0040 0000
User ROM
area
Expanded external area
(4M bytes)
Ghost area in
units of 128K bytes
1G bytes
1G bytes
2G bytes
Ghost area
in units of
16M bytes
Ghost area in
units of 4M bytes
Internal RAM
(16K bytes)
H'0080 7FFF
H'8000 0000
H'8000 1FFF
Ghost area
in units of
16K bytes
Reserved area
(8K bytes)
Reserved area
(96K bytes)
H'0081 FFFF
H'0082 0000
H'0080 8000
H'8000 3FFF
H'8000 2000
H'8000 4000
H'BFFF FFFF
H'0007 FFFF
H'0010 0000
CS1 area
CS0 area
Reserved area
(512K bytes)
H'000F FFFF
Ghost area in
CS1
(1M byte)
H'002F FFFF
H'0030 0000




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl