Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M32171F4VFP Datasheet(Fiches technique) 7 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 7 page
background image
Mitsubishi Microcomputers
7
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
2001-5-14 Rev.1.0
32171 Group
Figure 3 Pin Function Diagram of 240QFP
XIN
RESET
Clock
Reset
VCCI
VSS
3
5
P20-P27 / A23-A30
P30-P37 / A15-A22
P46, P47 / A13, A14
P225 / A12
Address
bus
19
Data
bus
16
P72 / HREQ
P73 / HACK
Bus
control
P71 / WAIT
Interrupt
controller
P43 / RD
P44 / CS0
P45 / CS1
P41 / BLW / BLE
P42 / BHW / BHE
Port 2
Port 3
Port 4
Port 22
Port 0
Port 1
Port 7
Port 4
XOUT
VCNT
OSC-VCC
OSC-VSS
MOD0
MOD1
Mode
P150,P153 / TIN0,TIN3
P130-P137 / TIN16-TIN23
10
Port 15
Port 13
P124-P127 / TCLK0-TCLK3
4
Multijunction
timer
21
P100-P107 / TO8-TO15
P110-P117 / TO0-TO7
Port 12
Port 11
Port 10
Port 9
P74 / RTDTXD
P75 / RTDRXD
P76 / RTDACK
P77 / RTDCLK
Real-time
debugger
Port 7
P70 / BCLK / WR
Port 7
P82 / TXD0
P83 / RXD0
P84 / SCLKI 0 / SCLKO 0
P85 / TXD1
P86 / RXD1
P87 / SCLKI 1 / SCLKO 1
Serial
I/O
Port 8
A-D
converter
AVCC0
P61-P63
Port 6
VREF0
VDD
FVCC
FP
VCCE
4
P174 / TXD2
P175 / RXD2
Port 17
3.3V
5V
Note:
: Operates with a 3.3V power supply.
: Operates with a 5V or 3.3V power supply.
16
AD0IN0A-D0IN15
P220 / CTX
P221 / CRX
CAN
JTMS
JTCK
JTRST
JTDO
JTAG
JTDI
Port 22
P64 / SBI
Port 6
AVSS0
P93-P97 / TO16-TO720
P00-P07 / DB0-DB7
P10-P17 / DB8-DB15




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl