Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M32171F4VFP Datasheet(Fiches technique) 4 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

 
 4 page
background image
Mitsubishi Microcomputers
4
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32171 Group
Table 2 Outline Performance (1/2)
Functional Block
Features
M32R CPU core
M32R family CPU core, internally configured in 32 bits
Built-in multiplier-accumulator (32
× 16 + 56)
Basic bus cycle : 25 ns (CPU clock frequency at 40 MHz, Internal peripheral clock frequency at 20 MHz)
Logical address space : 4G bytes, linear
General-purpose register : 32-bit register
× 16, Control register: 32-bit register × 5
accumulator : 56 bits
External data bus
16 bits data bus
Instruction set
16-bit/32-bit instruction formats
83 instructions/ 9 addressing modes
Internal flash memory
M32171F4VFP : 512K bytes
M32171F3VFP : 384K bytes
M32171F2VFP : 256K bytes
Rewrite durability : 100 times
Internal RAM
16K bytes
DMAC
10 channels (DMA transfers between internal peripheral I/Os, between internal
peripheral I/O and internal RAM, and between internal RAMs)
Channels can be cascaded and can operate in combination with internal peripheral I/O
Multijunction timer
37 channels of multijunction timers
• 16-bit output-related timers
× 11 channels (single-shot, delayed single-shot)
• 16-bit input/output-related timers
× 10 channels (event count mode, single-shot, PWM, measurement)
• 16-bit input-related timers
× 8 channels (measurement, event count mode)
• 32-bit input-related timers
× 8 channels (measurement)
Flexible timer configuration is possible through interconnection of channels using the event bus.
A-D converter
10-bit multifunction A-D converters
• Input 16 channels
• Scan-based conversion can be switched with 4, 8, and 16
• Capable of interrupt conversion during scan
• 8-bit/10-bit readout function available
Serial I/O
3 channels (The serial I/Os can be set for synchronous serial I/O or UART.
SIO2 is UART mode only)
Real-time debugger (RTD)
1-channels dedicated clock-synchronized serial
• The entire internal RAM can be read or rewritten from the outside without CPU intervention
Interrupt controller
Controls interrupts from internal peripheral I/Os
(Priority can be set to one of 8 levels including interrupt disabled)
Wait controller
Controls wait when accessing external extended area
(1 to 4 wait cycles inserted + prolonged by external WAIT signal input)
CAN
16-channels message slots
JTAG
Boundary-Scan function




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl