Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1805 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce 2SD1805
Description  Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1805 Fiches technique(HTML) 1 Page - ON Semiconductor

  2SD1805 Datasheet HTML 1Page - ON Semiconductor 2SD1805 Datasheet HTML 2Page - ON Semiconductor 2SD1805 Datasheet HTML 3Page - ON Semiconductor 2SD1805 Datasheet HTML 4Page - ON Semiconductor 2SD1805 Datasheet HTML 5Page - ON Semiconductor 2SD1805 Datasheet HTML 6Page - ON Semiconductor 2SD1805 Datasheet HTML 7Page - ON Semiconductor 2SD1805 Datasheet HTML 8Page - ON Semiconductor 2SD1805 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
60612 TKIM TA-4167/22599TH (KT)/8309MO/5277KI/O236KI, TS No.2115-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SD1805
Bipolar Transistor
20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
2,4
3
1
Applications
Strobes, voltage regulators, relay drivers, lamp drivers
Features
Low saturation voltage
Fast switching time
Large current capacity
Small and slim package making it easy to make 2SD1805-applied sets smaller
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
60
V
Collector-to-Emitter Voltage
VCEO
20
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
5A
Collector Current (Pulse)
ICP
8A
Collector Dissipation
PC
1W
Tc=25°C15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2115C
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
TP-FA
D1805
LOT No.
RANK
2SD1805F-E
2SD1805G-E
2SD1805F-TL-E
2SD1805G-TL-E


Numéro de pièce similaire - 2SD1805

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1805 SANYO-2SD1805 Datasheet
88Kb / 3P
   High-Current Switching Applications
logo
Inchange Semiconductor ...
2SD1805 ISC-2SD1805 Datasheet
331Kb / 3P
   isc Silicon NPN Power Transistor
logo
Guangdong Kexin Industr...
2SD1805-E KEXIN-2SD1805-E Datasheet
1Mb / 3P
   NPN Transistors
2SD1805-F KEXIN-2SD1805-F Datasheet
1Mb / 3P
   NPN Transistors
2SD1805-G KEXIN-2SD1805-G Datasheet
1Mb / 3P
   NPN Transistors
More results

Description similaire - 2SD1805

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com