Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1618S-TD-E Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce 2SD1618S-TD-E
Description  Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1618S-TD-E Fiches technique(HTML) 6 Page - ON Semiconductor

  2SD1618S-TD-E Datasheet HTML 1Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 2Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 3Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 4Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 5Page - ON Semiconductor 2SD1618S-TD-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2SD1618
PS No.1784-6/6
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Numéro de pièce similaire - 2SD1618S-TD-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
85Kb / 3P
   Low-Voltage, High-Current Amp, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618 KEXIN-2SD1618 Datasheet
52Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SD1618 SANYO-2SD1618 Datasheet
181Kb / 3P
   Low-Voltage High-Current Amplifier, Muting Applications
logo
Guangdong Kexin Industr...
2SD1618-S KEXIN-2SD1618-S Datasheet
1Mb / 3P
   NPN Transistors
2SD1618-T KEXIN-2SD1618-T Datasheet
1Mb / 3P
   NPN Transistors
More results

Description similaire - 2SD1618S-TD-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
15C01M ONSEMI-15C01M Datasheet
309Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6094 ONSEMI-2SC6094 Datasheet
329Kb / 7P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC6095 ONSEMI-2SC6095 Datasheet
328Kb / 7P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single PCP
September, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
   Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com