Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJ303A Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BUJ303A
Description  NPN power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ303A Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BUJ303A_15 Datasheet HTML 2Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 3Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 4Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 5Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 6Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 7Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 8Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 9Page - NXP Semiconductors BUJ303A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BUJ303A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2012
6 of 13
NXP Semiconductors
BUJ303A
NPN power transistor
Fig 6.
Test circuit for collector-emitter sustaining
voltage
Fig 7.
Oscilloscope display for collector-emitter
sustaining voltage test waveform
Fig 8.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 9.
Collector-emitter saturation voltage as a
function of base current; typical values
001aab987
horizontal
1
Ω
300
Ω
6 V
vertical
oscilloscope
50 V
100
Ω to 200 Ω
30 Hz to 60 Hz
001aab988
VCE (V)
min
VCEOsus
IC
(mA)
10
100
250
0
003aag032
VCEsat
(V)
IC (A)
10-1
10
1
0.2
0.1
0.3
0.4
0.5
0
IB (A)
10-2
10
1
10-1
003aag031
0.8
1.2
0.4
1.6
2.0
VCEsat
(V)
0
IC = 1 A
2 A 3 A
4 A


Numéro de pièce similaire - BUJ303A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJ303A NXP-BUJ303A_11 Datasheet
588Kb / 14P
   NPN power transistor Low thermal resistance Fast switching
Rev. 05-3 May 2011
logo
Inchange Semiconductor ...
BUJ303A ISC-BUJ303A_19 Datasheet
233Kb / 2P
   isc Silicon NPN Power Transistor
More results

Description similaire - BUJ303A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com