Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJ303AX Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BUJ303AX
Description  NPN power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ303AX Fiches technique(HTML) 5 Page - NXP Semiconductors

  BUJ303AX_15 Datasheet HTML 1Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 2Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 3Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 4Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 5Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 6Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 7Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 8Page - NXP Semiconductors BUJ303AX_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BUJ303AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2012
5 of 13
NXP Semiconductors
BUJ303AX
NPN power transistor
6.
Isolation characteristics
7.
Characteristics
Table 6.
Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage
50 Hz
≤ f ≤ 60 Hz; RH ≤ 65 %;
Th = 25 °C; from all terminals to external
heatsink; clean and dust free
-
-
2500
V
Cisol
isolation capacitance
from collector to external heatsink;
f=1MHz; Th =25°C
-10
-pF
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off
current
VBE =0V; VCE = 1000 V; Th =25°C;
Measured with half-sine wave voltage
(curve tracer)
--1
mA
VBE =0V; VCE = 1000 V; Th = 125 °C;
Measured with half-sine wave voltage
(curve tracer)
--2
mA
ICBO
collector-base cut-off
current
VCB = 1000 V; IE =0A; Th =25°C;
Measured with half-sine wave voltage
(curve tracer)
--1
mA
ICEO
collector-emitter cut-off
current
VCE =500 V; IB =0A; Th =25°C;
Measured with half-sine wave voltage
(curve tracer)
--0.1
mA
IEBO
emitter-base cut-off
current
VEB =9V; IC =0A; Th = 25 °C
--0.1
mA
VCEOsus
collector-emitter
sustaining voltage
IB =0A; IC = 100 mA; LC =25mH;
Th = 25 °C; see Figure 6; see Figure 7
500
-
-
V
VCEsat
collector-emitter
saturation voltage
IC =3.0 A; IB = 0.6 A; Th =25°C;
see Figure 8; see Figure 9
-
0.35
1.5
V
VBEsat
base-emitter saturation
voltage
IC =3.0 A; IB = 0.6 A; Th =25°C;
see Figure 10
-
1.01
1.3
V
hFE
DC current gain
IC =5mA; VCE =5V; Th =25 °C;
see Figure 11
10
22
35
IC =500 mA; VCE =5V; Th =25°C;
see Figure 11
14
25
35
hFEsat
DC saturation current
gain
IC =2.5 A; VCE =5V; Th =25°C;
see Figure 11
10
13.5
17
IC =3.0 A; VCE =5V; Th =25°C;
see Figure 11
-11
-
Dynamic Characteristics (switching times - resistive load)
ts
turn-off delay time
IC =2.5 A; IBon = 0.5 A; IBoff =-0.5A;
RL =75 Ω; Th = 25 °C; see Figure 12;
see Figure 13
-3.3
4
µs
tf
fall time
-
0.33
0.45
µs


Numéro de pièce similaire - BUJ303AX_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJ303AX NXP-BUJ303AX_11 Datasheet
606Kb / 14P
   NPN power transistor Very high voltage capability Isolated package
Rev. 05-3 May 2011
More results

Description similaire - BUJ303AX_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com