Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJD203AX Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BUJD203AX
Description  NPN power transistor with integrated diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJD203AX Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button BUJD203AX_15 Datasheet HTML 2Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 3Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 4Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 5Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 6Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 7Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 8Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 9Page - NXP Semiconductors BUJD203AX_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
BUJD203AX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 September 2010
6 of 14
NXP Semiconductors
BUJD203AX
NPN power transistor with integrated diode
7.
Characteristics
[1]
Measured with half-sine wave voltage (curve tracer)
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off current
VBE =0V; VCE =850 V; Tj = 125 °C
[1] --2
mA
VBE =0V; VCE =850 V; Tj =25 °C
[1] --1
mA
ICBO
collector-base cut-off current
VCB = 850 V; IE =0A
[1] --1
mA
ICEO
collector-emitter cut-off current
VCE = 425 V; IB =0A
[1] --0.1
mA
IEBO
emitter-base cut-off current
VEB =7V; IC = 0 A
--10
mA
VCEOsus
collector-emitter sustaining
voltage
IB =0A; IC =10mA; LC =25 mH;
see Figure 6; see Figure 7
400
450
-
V
VCEsat
collector-emitter saturation
voltage
IC =3A; IB =0.6 A; see Figure 8;
see Figure 9
-0.29
1
V
VBEsat
base-emitter saturation voltage
IC =3A; IB =0.6 A; see Figure 10
-
0.99
1.5
V
VF
forward voltage
IF =2A; Tj = 25 °C
-
1.04
1.5
V
hFE
DC current gain
IC =1mA; VCE =5V; Th =25°C;
see Figure 11
10
15
32
IC = 500 mA; VCE =5V; Th =25°C;
see Figure 11
13
21
32
IC =2A; VCE =5 V; Th =25°C;
see Figure 11
11
16
22
IC =3A; VCE =5 V; Th =25°C;
see Figure 11
-
12.5
-
Dynamic characteristics
ton
turn-on time
IC = 2.5 A; IBon =0.5 A; IBoff =-0.5 A;
RL =75 Ω; Tj = 25 °C; resistive load;
see Figure 12; see Figure 13
-
0.52
0.6
µs
ts
storage time
IC = 2.5 A; IBon =0.5 A; IBoff =-0.5 A;
RL =75 Ω; Tj = 25 °C; resistive load;
see Figure 12; see Figure 13
-2.7
3.3
µs
IC =2A; IBon =0.4 A; VBB =-5V;
LB =1µH; Tj = 25 °C; inductive load;
see Figure 14; see Figure 15
-1.2
1.4
µs
IC =2A; IBon =0.4 A; VBB =-5V;
LB =1µH; Tj = 100 °C; inductive load;
see Figure 14; see Figure 15
--1.8
µs
tf
fall time
IC = 2.5 A; IBon =0.5 A; IBoff =-0.5 A;
RL =75 Ω; Tj = 25 °C; resistive load;
see Figure 12; see Figure 13
-
0.3
0.35
µs
IC =2A; IBon =0.4 A; VBB =-5V;
LB =1µH; Tj = 100 °C; inductive load;
see Figure 14; see Figure 15
--0.12
µs
IC =2A; IBon =0.4 A; VBB =-5V;
LB =1µH; Tj = 25 °C; inductive load;
see Figure 14; see Figure 15
-
0.03
0.06
µs


Numéro de pièce similaire - BUJD203AX_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJD203AX PHILIPS-BUJD203AX Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
logo
WeEn Semiconductors
BUJD203AX WEEN-BUJD203AX Datasheet
784Kb / 13P
   NPN power transistor with integrated diode
More results

Description similaire - BUJD203AX_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
   NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD105AD NXP-BUJD105AD Datasheet
186Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-8 May 2009
BUJD103AD NXP-BUJD103AD Datasheet
294Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-6 October 2009
BUJD105AD PHILIPS-BUJD105AD_15 Datasheet
195Kb / 13P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
PHD13005 NXP-PHD13005 Datasheet
190Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
   NPN power transistor with integrated diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com