Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJD105AD Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BUJD105AD
Description  NPN power transistor with integrated diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJD105AD Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BUJD105AD_15 Datasheet HTML 3Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 4Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 5Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 6Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 7Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 8Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 9Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 10Page - NXP Semiconductors BUJD105AD_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BUJD105AD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 29 July 2010
7 of 13
NXP Semiconductors
BUJD105AD
NPN power transistor with integrated diode
Fig 10. DC current gain as a function of collector
current; typical values
Fig 11. Test circuit for resistive load switching
Fig 12. Switching times waveforms for resistive load
Fig 13. Test circuit for inductive load switching
001aac046
IC (A)
10−2
10
1
10−1
10
102
hFE
1
Tj = 100 °C
25
°C
−40 °C
001aab989
tp
RB
VIM
0
RL
DUT
VCC
T
001aab990
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
t
t
IBon
−IBoff
ICon
tr ≤ 30 ns
001aab991
VCC
LC
DUT
LB
IBon
VBB


Numéro de pièce similaire - BUJD105AD_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJD105AD NXP-BUJD105AD Datasheet
186Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-8 May 2009
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
   NPN power transistor with integrated diode
More results

Description similaire - BUJD105AD_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD103AD PHILIPS-BUJD103AD_15 Datasheet
356Kb / 13P
   NPN power transistor with integrated diode
Rev. 3-3 August 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD105AD NXP-BUJD105AD Datasheet
186Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-8 May 2009
BUJD103AD NXP-BUJD103AD Datasheet
294Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-6 October 2009
BUJD203AX PHILIPS-BUJD203AX_15 Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
PHD13005 NXP-PHD13005 Datasheet
190Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
   NPN power transistor with integrated diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com