Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJD103AD Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BUJD103AD
Description  NPN power transistor with integrated diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJD103AD Fiches technique(HTML) 1 Page - NXP Semiconductors

  BUJD103AD_15 Datasheet HTML 1Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 2Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 3Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 4Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 5Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 6Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 7Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 8Page - NXP Semiconductors BUJD103AD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
High voltage, high speed, planar passivated NPN power switching transistor with
integrated anti-parallel E-C diode in a SOT428 (DPAK) surface-mountable plastic
package.
1.2 Features and benefits
Fast switching
High voltage capability
Integrated anti-parallel E-C diode
Very low switching and conduction
losses
1.3 Applications
DC-to-DC converters
Electronic lighting ballasts
Inverters
Motor control systems
1.4 Quick reference data
BUJD103AD
NPN power transistor with integrated diode
Rev. 3 — 3 August 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IC
collector current
see Figure 1; see Figure 2; DC;
see Figure 4
--4
A
Ptot
total power
dissipation
see Figure 3; Tmb ≤ 25 °C
--80
W
VCESM
collector-emitter
peak voltage
VBE = 0 V
--700
V
Static characteristics
hFE
DC current gain
IC =500 mA; VCE =5 V;
see Figure 10; Tj =25°C
13
21
32
VCE =5 V; IC =3A;
Tmb = 25 °C; see Figure 10
-12.5
-


Numéro de pièce similaire - BUJD103AD_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJD103AD NXP-BUJD103AD Datasheet
294Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-6 October 2009
logo
WeEn Semiconductors
BUJD103AD WEEN-BUJD103AD Datasheet
830Kb / 10P
   Silicon diffused power transistor
More results

Description similaire - BUJD103AD_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHD13003C PHILIPS-PHD13003C_15 Datasheet
144Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-29 July 2010
BUJD203A PHILIPS-BUJD203A_15 Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD203A NXP-BUJD203A Datasheet
341Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-2 December 2010
BUJD105AD NXP-BUJD105AD Datasheet
186Kb / 12P
   NPN power transistor with integrated diode
Rev. 01-8 May 2009
BUJD103AD NXP-BUJD103AD Datasheet
294Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-6 October 2009
BUJD105AD PHILIPS-BUJD105AD_15 Datasheet
195Kb / 13P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX_15 Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
PHD13005 NXP-PHD13005 Datasheet
190Kb / 14P
   NPN power transistor with integrated diode
Rev. 02-29 July 2010
BUJD203AX PHILIPS-BUJD203AX Datasheet
209Kb / 14P
   NPN power transistor with integrated diode
Rev. 01-27 September 2010
logo
WeEn Semiconductors
BUJD105AD WEEN-BUJD105AD Datasheet
298Kb / 13P
   NPN power transistor with integrated diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com