Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJ15025G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MJ15025G
Description  Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15025G Fiches technique(HTML) 1 Page - ON Semiconductor

  MJ15025G Datasheet HTML 1Page - ON Semiconductor MJ15025G Datasheet HTML 2Page - ON Semiconductor MJ15025G Datasheet HTML 3Page - ON Semiconductor MJ15025G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 12
1
Publication Order Number:
MJ15023/D
MJ15023 (PNP),
MJ15025 (PNP)
Silicon Power Transistors
The MJ15023 and MJ15025 are power transistors designed for high
power audio, disk head positioners and other linear applications.
Features
High Safe Operating Area
High DC Current Gain
Complementary to MJ15022 (NPN), MJ15024 (NPN)
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJ15023
MJ15025
VCEO
200
250
Vdc
Collector−Base Voltage
MJ15023
MJ15025
VCBO
350
400
Vdc
Emitter−Base Voltage
VEBO
5
Vdc
Collector−Emitter Voltage
VCEX
400
Vdc
Collector Current − Continuous (Note 1)
IC
16
Adc
Collector Current − Peak (Note 1)
ICM
30
Adc
Base Current − Continuous
IB
5
Adc
Total Device Dissipation
@ TC = 25_C
Derate above 25
_C
PD
250
1.43
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +200
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
≤ 10%.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.70
_C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
16 AMPERES
SILICON POWER TRANSISTORS
200 − 250 VOLTS, 250 WATTS
http://onsemi.com
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MJ15023G
TO−204
(Pb−Free)
100 Units / Tray
MJ1502xG
AYWW
MEX
TO−204 (TO−3)
CASE 1−07
STYLE 1
MJ1502x = Device Code
x = 3 or 5
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MEX
= Country of Origin
MJ15025G
TO−204
(Pb−Free)
100 Units / Tray
1
BASE
2
EMITTER
COLLECTOR
CASE
1
2
CASE


Numéro de pièce similaire - MJ15025G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJ15025G ONSEMI-MJ15025G Datasheet
72Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
More results

Description similaire - MJ15025G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJ15023 MOTOROLA-MJ15023 Datasheet
144Kb / 4P
   16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
   60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com