Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH7194PBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRFH7194PBF
Description  Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH7194PBF Fiches technique(HTML) 3 Page - International Rectifier

  IRFH7194PBF Datasheet HTML 1Page - International Rectifier IRFH7194PBF Datasheet HTML 2Page - International Rectifier IRFH7194PBF Datasheet HTML 3Page - International Rectifier IRFH7194PBF Datasheet HTML 4Page - International Rectifier IRFH7194PBF Datasheet HTML 5Page - International Rectifier IRFH7194PBF Datasheet HTML 6Page - International Rectifier IRFH7194PBF Datasheet HTML 7Page - International Rectifier IRFH7194PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRFH7194PbF
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
September 10, 2014
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5.
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
 60µs PULSE WIDTH
Tj = 25°C
3.8V
VGS
TOP
15V
10V
7.0V
6.0V
5.0V
4.5V
4.0V
BOTTOM
3.8V
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
0.1
1
10
100
1000
 60µs PULSE WIDTH
Tj = 150°C
3.8V
VGS
TOP
15V
10V
7.0V
6.0V
5.0V
4.5V
4.0V
BOTTOM
3.8V
2.0
3.0
4.0
5.0
6.0
V GS , Gate-to-Source Voltage (V)
0.1
1
10
100
1000
V DS = 50V
 60µs PULSE WIDTH
TJ = 25°C
TJ = 150°C
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
C iss = C gs + C gd , C ds SHORTED
C rss = C gd
C oss = C ds + C gd
Coss
Crss
Ciss
0
4
8
12
16
Q G Total Gate Charge (nC)
0
2
4
6
8
10
12
14
V DS = 80V
V DS = 50V
V DS = 20V
ID= 21A
-60
-40
-20
0
20
40
60
80
100 120 140 160
TJ , Junction Temperature (°C)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 21A
V GS = 10V


Numéro de pièce similaire - IRFH7194PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH7190PBF IRF-IRFH7190PBF Datasheet
503Kb / 9P
   Optimized for Secondary Side Synchronous Rectification
IRFH7190PBF IRF-IRFH7190PBF_15 Datasheet
503Kb / 9P
   Optimized for Secondary Side Synchronous Rectification
IRFH7191PBF IRF-IRFH7191PBF Datasheet
489Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFH7191PBF INFINEON-IRFH7191PBF Datasheet
550Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2017-01-24
logo
International Rectifier
IRFH7191PBF IRF-IRFH7191PBF_15 Datasheet
489Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
More results

Description similaire - IRFH7194PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH7885PBF IRF-IRFH7885PBF_15 Datasheet
518Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7191PBF IRF-IRFH7191PBF_15 Datasheet
489Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7187PBF IRF-IRFH7187PBF Datasheet
494Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFH7191PBF INFINEON-IRFH7191PBF Datasheet
550Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2017-01-24
logo
International Rectifier
IRFH7185PBF IRF-IRFH7185PBF_15 Datasheet
547Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFHM7194TRPBF INFINEON-IRFHM7194TRPBF Datasheet
507Kb / 10P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2016-2-26
logo
International Rectifier
IRFH7188PBF IRF-IRFH7188PBF_15 Datasheet
523Kb / 9P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Power-One
PLP75 POWER-ONE-PLP75 Datasheet
80Kb / 6P
   AC-DC power supplies suited for telecom
logo
International Rectifier
IRFHM792TRPBF IRF-IRFHM792TRPBF Datasheet
269Kb / 9P
   DC-DC Primary Switchl 48V Battery Monitoring
logo
Shenzhen Jingdao Electr...
16S45T JINGDAO-16S45T Datasheet
203Kb / 13P
   Mainly used in switch mode power supplies and high frequency DC-DC converters
2013
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com