Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH7107PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFH7107PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH7107PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRFH7107PBF_15 Datasheet HTML 1Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 8Page - International Rectifier IRFH7107PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through … are on page 9
Features and Benefits
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
PQFN 5X6 mm
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
14
47
300
± 20
75
11
75
-55 to + 150
3.6
0.029
104
VDS
75
V
RDS(on) max
(@VGS = 10V)
8.5
m
Ω
Qg (typical)
48
nC
RG (typical)
0.6
Ω
ID
(@Tc(Bottom) = 25°C)
75
A
Features
Benefits
Low RDSon (< 8.5m
Ω)
Lower Conduction Losses
Low Thermal Resistance to PCB (< 1.2°C/W)
Enables better thermal dissipation
Low Profile (<0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
IRFH7107PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 2, 2015
Note
Form
Quantity
IRFH7107TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH7107TR2PBF
PQFN 5mm x 6mm
Tape and Reel
400
EOL notice #259
Orderable part number
Package Type
Standard Pack


Numéro de pièce similaire - IRFH7107PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
More results

Description similaire - IRFH7107PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com