Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH6200PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFH6200PBF
Description  CHARGE AND DISCHARGE SWITCH FOR BETTERY APPLICATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH6200PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRFH6200PBF_15 Datasheet HTML 1Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 2Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 3Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 4Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 5Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 6Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 7Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 8Page - International Rectifier IRFH6200PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes
 through † are on page 9
PQFN 5X6 mm
Applications
Charge and discharge switch for battery application
Load switch for 12V (typical) bus
Hot-Swap Switch
IRFH6200TRPbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
Form
Quantity
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH6200TRPbF
PQFN 5mm x 6mm
Tape and Reel
400
IRFH6200TR2PbF
EOL Notice #259
Base Part Number
Package Type
Standard Pack
Orderable part number
IRFH6200PbF
Note
Features
Benefits
Low RDSon (
≤ 0.99mΩ)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 0.8°C/W)
Enable better thermal dissipation
Low Profile (
≤ 0.9 mm)
results in
Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant, Halogen-Free
Environmentally Friendlier
VDS
20
V
RDS(on) max
(@VGS = 4.5V)
0.99
(@VGS = 2.5V)
1.50
Qg (typical)
155
nC
RG (typical)
1.3
Ω
ID
(@Tmb = 25°C)
100
h
A
m
Ω
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
ID @ Tmb = 25°C
Continuous Drain Current, VGS @ 4.5V
ID @ Tmb = 100°C
Continuous Drain Current, VGS @ 4.5V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @Tmb = 25°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
W
A
°C
Max.
49
100
h
400
±12
20
40
100
h
-55 to + 150
3.6
0.029
156


Numéro de pièce similaire - IRFH6200PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH6200PBF IRF-IRFH6200PBF Datasheet
239Kb / 8P
   HEXFETPower MOSFET
More results

Description similaire - IRFH6200PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8326PBF INFINEON-IRFHM8326PBF Datasheet
604Kb / 10P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com