Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH5210PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFH5210PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH5210PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRFH5210PBF Datasheet HTML 1Page - International Rectifier IRFH5210PBF Datasheet HTML 2Page - International Rectifier IRFH5210PBF Datasheet HTML 3Page - International Rectifier IRFH5210PBF Datasheet HTML 4Page - International Rectifier IRFH5210PBF Datasheet HTML 5Page - International Rectifier IRFH5210PBF Datasheet HTML 6Page - International Rectifier IRFH5210PBF Datasheet HTML 7Page - International Rectifier IRFH5210PBF Datasheet HTML 8Page - International Rectifier IRFH5210PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
Notes  through … are on page 9
Features and Benefits
Applications
Secondary Side Synchronous Rectification
Inverters for DC Motors
DC-DC Brick Applications
Boost Converters
PQFN 5X6 mm
Features
Benefits
Low RDSon (
≤ 14.9mΩ at Vgs = 10V)
Lower Conduction Losses
Low Thermal Resistance to PCB (
≤ 1.2°C/W)
Enables better thermal dissipation
100% Rg tested
Increased Reliability
Low Profile (
≤ 0.9 mm)
results in Increased Power Density
Industry-Standard Pinout
Multi-Vendor Compatibility
Compatible with Existing Surface Mount Techniques
Easier Manufacturing
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
MSL1, Industrial Qualification
Increased Reliability
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC(Bottom) = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation g
PD @ TC(Bottom) = 25°C
Power Dissipation
g
Linear Derating Factor g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
3.6
0.029
104
Max.
10
35
220
±20
100
8.1
55
V
W
A
°C
VDS
100
V
RDS(on) max
(@VGS = 10V)
14.9
m
Ω
Qg (typical)
40
nC
RG (typical)
1.7
Ω
ID
(@Tc(Bottom) = 25°C)
55
A
IRFH5210PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
Note
Form
Quantity
IRFH5210TRPBF
PQFN 5mm x 6mm
Tape and Reel
4000
IRFH5210TR2PBF
PQFN 5mm x 6mm
Tape and Reel
400
EOL notice #259
Orderable part number
Package Type
Standard Pack


Numéro de pièce similaire - IRFH5210PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH5210PBF IRF-IRFH5210PBF Datasheet
239Kb / 8P
   HEXFET Power MOSFET
More results

Description similaire - IRFH5210PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com