Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH5053PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFH5053PBF
Description  3 Phase Boost Converter Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH5053PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRFH5053PBF Datasheet HTML 1Page - International Rectifier IRFH5053PBF Datasheet HTML 2Page - International Rectifier IRFH5053PBF Datasheet HTML 3Page - International Rectifier IRFH5053PBF Datasheet HTML 4Page - International Rectifier IRFH5053PBF Datasheet HTML 5Page - International Rectifier IRFH5053PBF Datasheet HTML 6Page - International Rectifier IRFH5053PBF Datasheet HTML 7Page - International Rectifier IRFH5053PBF Datasheet HTML 8Page - International Rectifier IRFH5053PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
12/16/08
IRFH5053PbF
HEXFET® Power MOSFET
Notes
 through … are on page 9
Applications
Benefits
PQFN
D
D
D
D
S
G
S
S
PD - 97359
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
g
PD @TA = 70°C
Power Dissipation
g
Linear Derating Factor
g
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
1.6
RθJA
Junction-to-Ambient
g
–––
40
-55 to + 150
3.1
0.025
2.0
75
± 20
100
7.4
V
Max.
9.3
46
°C/W
°C
W
A
l 3 Phase Boost Converter Applications
l Secondary Side Synchronous Rectification
l Very low RDS(ON) at 10V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage and
Current
l 100% Tested for RG
l Lead-Free (Qualified up to 260°C Reflow)
l RoHS compliant (Halogen Free)
l Low Thermal Resistance
l Large Source Lead for more reliable Soldering
VDSS
RDS(on) max
Qg
100V
18mΩ@VGS = 10V 24nC


Numéro de pièce similaire - IRFH5053PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH5053PBF IRF-IRFH5053PBF Datasheet
258Kb / 9P
   HEXFETPower MOSFET
IRFH5053PBF IRF-IRFH5053PBF Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
More results

Description similaire - IRFH5053PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH5053TRPBF IRF-IRFH5053TRPBF Datasheet
258Kb / 9P
   3 Phase Boost Converter Applications
logo
NXP Semiconductors
ASL4501SHN NXP-ASL4501SHN Datasheet
1Mb / 43P
   Four-phase boost converter
Rev. 2-10 January 2018
ASL1500SHN NXP-ASL1500SHN Datasheet
1Mb / 36P
   Single phase boost converter
Rev. 4-26 October 2017
ASL4500SHN NXP-ASL4500SHN Datasheet
1Mb / 41P
   Four-phase boost converter
Rev. 6-26 October 2017
ASL2500SHN NXP-ASL2500SHN Datasheet
1Mb / 39P
   Two phase boost converter
Rev. 3-26 October 2017
logo
New Japan Radio
NJW4141 NJRC-NJW4141 Datasheet
419Kb / 13P
   2 - phase Boost Converter Switching Regulator IC
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Recom International Pow...
R-78S RECOM-R-78S Datasheet
457Kb / 5P
   Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1558 HMSEMI-HM1558 Datasheet
1Mb / 8P
   Boost Converter
logo
NXP Semiconductors
ASL1507SHN NXP-ASL1507SHN Datasheet
551Kb / 56P
   Single-phase and two-phase boost converter with limp-home mode
Rev. 1 ??26 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com