Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJ103AD Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BUJ103AD
Description  Silicon diffused power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ103AD Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BUJ103AD_15 Datasheet HTML 3Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 4Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 5Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 6Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 7Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 8Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 9Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 10Page - NXP Semiconductors BUJ103AD_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BUJ103AD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
7 of 13
NXP Semiconductors
BUJ103AD
Silicon diffused power transistor
7.
Package information
Epoxy meets requirements of UL94 V-0 at 18 inch.
VCEclamp  1000 V; VCC = 150 V; VBB = 5 V; LB =1 H;
LC =200 H.
Tj  Tj(max).
Fig 13. Test circuit for reverse bias safe operating
area
Fig 14. Reverse bias safe operating area
Tmb  25 C; Mounted with heatsink compound and 30  5 Newton force on the center of the envelope.
(1) Ptot maximum and Ptot peak maximum lines.
(2) Second breakdown limits.
(3) I = Region of permissible DC operation.
II = Extension for repetitive pulse operation.
III = Extension during turn-on in single transistor converters provided that RBE  100  and tp  0.6 s.
Fig 15. Forward bias safe operating area
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCL(CE)
probe point
VCEclamp (V)
0
1000
800
400
600
200
001aac000
4
6
2
8
10
IC
(A)
0
001aac001
10−1
10−2
10
1
102
IC
(A)
10−3
VCEclamp (V)
1
103
102
10
(1)
100
μs
200
μs
I(3)
tp = 20 μs
duty cycle = 0.01
50
μs
500
μs
DC
II(3)
III(3)
(2)
ICM(max)
IC(max)


Numéro de pièce similaire - BUJ103AD_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJ103AD NXP-BUJ103AD Datasheet
86Kb / 12P
   Silicon diffused power transistor
Rev. 01-14 December 2004
logo
WeEn Semiconductors
BUJ103AD WEEN-BUJ103AD Datasheet
830Kb / 10P
   Silicon diffused power transistor
More results

Description similaire - BUJ103AD_15

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com