Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJ100LR Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BUJ100LR
Description  NPN power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ100LR Fiches technique(HTML) 3 Page - NXP Semiconductors

  BUJ100LR_15 Datasheet HTML 1Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 2Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 3Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 4Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 5Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 6Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 7Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 8Page - NXP Semiconductors BUJ100LR_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BUJ100LR
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 29 July 2010
3 of 12
NXP Semiconductors
BUJ100LR
NPN power transistor
Fig 1.
Normalized total power dissipation as a function of lead temperature
Fig 2.
Forward bias safe operating area
Tlead (°C)
0
200
150
50
100
003aae644
40
80
120
Pder
(%)
0
003aad545
10−1
10−2
10
1
102
IC
(A)
10−3
VCL(CE) (V)
1
103
102
10
DC
(1)
IC(max)


Numéro de pièce similaire - BUJ100LR_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUJ100LR NXP-BUJ100LR Datasheet
155Kb / 11P
   Silicon diffused power transistor
Rev. 01-12 August 2009
More results

Description similaire - BUJ100LR_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
   NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
   NPN POWER TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
   NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
   NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
   NPN power transistor
logo
Unisonic Technologies
2SD1782 UTC-2SD1782 Datasheet
90Kb / 3P
   POWER NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com