Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH4234PBF Fiches technique(PDF) 9 Page - International Rectifier

No de pièce IRFH4234PBF
Description  Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH4234PBF Fiches technique(HTML) 9 Page - International Rectifier

  IRFH4234PBF_15 Datasheet HTML 1Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 2Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 3Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 4Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 5Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 6Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 7Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 8Page - International Rectifier IRFH4234PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
 
IRFH4234PbF
9
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 16, 2015
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Qualification Information 
Moisture Sensitivity Level
PQFN 5mm x 6mm
MSL1
(per JEDEC J-STD-020D††)
RoHS Compliant
Yes
Qualification Level  
Industrial
(per JEDEC JESD47F†† guidelines)
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release.
Notes:
Repetitive rating; pulse width limited by max. junction temperature.
Starting TJ = 25°C, L = 0.093mH, RG = 50, IAS = 30A.
Pulse width
 400 µs; duty cycle  2%.
Ris measured at TJ of approximately 90°C.
When mounted on 1 inch square PCB (FR-4). Please refer to AN-994 for more details:
http://www.irf.com/technical-info/appnotes/an-994.pdf
Revision History
Date
Comments
1/23/2013
 Updated Rg typical from TBD to 1.8 .
5/15/2013
 Remove note 6, on page 8.
 Remove reference to note 6 on maximum current rating, on page 1.
 Updated package 3D drawing, on page 1.
 Updated IS rating from 30 A to 60 A, on page 2.
 Updated package outline drawing, on page 7.
8/15/2013
 Added “FastIRFET™” above the part number, on page 1.
3/16/2015
 Updated package outline and tape and reel on pages 7 and 8.


Numéro de pièce similaire - IRFH4234PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
More results

Description similaire - IRFH4234PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH4213PBF IRF-IRFH4213PBF Datasheet
356Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4234PBF IRF-IRFH4234PBF Datasheet
253Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4213PBF IRF-IRFH4213PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4226PBF IRF-IRFH4226PBF_15 Datasheet
501Kb / 9P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRFH4210PBF IRF-IRFH4210PBF Datasheet
369Kb / 8P
   Secondary Synchronous Rectifier MOSFET for isolated DC-DC converters
IRF7351TRPBF IRF-IRF7351TRPBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
   Synchronous Rectifier MOSFET for Isolated DC-DC Converters
logo
Texas Instruments
LM34925 TI1-LM34925 Datasheet
1Mb / 27P
[Old version datasheet]   Integrated Secondary-Side Bias Regulator for Isolated DC-DC Converters
LM34925 TI1-LM34925_14 Datasheet
1Mb / 26P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
LM34927 TI1-LM34927 Datasheet
333Kb / 17P
[Old version datasheet]   Integrated Secondary Side Bias Regulator for Isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com