Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC503NBG1-15Q Fiches technique(PDF) 2 Page - Marktech Corporate

No de pièce LC503NBG1-15Q
Description  Blue Green 15 5mm LED lamp with water transparent lens
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC503NBG1-15Q Fiches technique(HTML) 2 Page - Marktech Corporate

  LC503NBG1-15Q Datasheet HTML 1Page - Marktech Corporate LC503NBG1-15Q Datasheet HTML 2Page - Marktech Corporate LC503NBG1-15Q Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LC503NBG1-15Q
For Pricing and Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
2/3
SPECIFICATION
Absolute Maximum Rating
(Ta = 25ºC)
Items
Symbol
Absolute maximum Rating
Unit
Forward Current
IF
25
mA
Peak Forward Current
pulse width≤0.1msec
duty ≤1/10
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operation Temperature
Topr
-20 ~ +75
ºC
Storage Temperature
Tstg
-30 ~ +80
ºC
Lead Soldering Temperature
Tsol
260
°C for 3sec
(3mm from the base of the epoxy bulb)
Initial Electrical/Optical Characteristics
(Ta = 25ºC)
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
3.2
3.6
4.2
V
Reverse Current
IR
VR = 5V
---
---
100
µA
Wavelength
λ
D
IF = 20mA
---
505
---
nm
Luminous Intensity
IV
IF = 20mA
2130
4500
---
mcd
50% Power Angle
2θ½
IF = 20mA
---
15
---
deg
Ranks Combination
Intensity
Dominant
Wavelength
Rank V
2130-3000 mcd
Rank W
3000-4180 mcd
Rank X
4180-5860 mcd
Rank Y
5860-8200 mcd
X3
500-505 nm
¤
¤
¤
¤
X4
505-510 nm
¤
¤
¤
¤
*One normal delivery will include all ranks listed above.
The quantity ratio of the ranks is decided by COTCO.
Measurement Uncertainty of the Luminous intensity
: ±15%
Measurement Uncertainty of the Dominant Wavelength
: ±1.0nm
COTCO-D-074 REV.


Numéro de pièce similaire - LC503NBG1-15Q

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503NBL1-15Q MARKTECH-LC503NBL1-15Q Datasheet
61Kb / 3P
   Blue 15 5mm LED lamp with water transparent lens
More results

Description similaire - LC503NBG1-15Q

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC503MBG1-15Q MARKTECH-LC503MBG1-15Q Datasheet
61Kb / 3P
   Blue-Green 15 5mm LED lamp with water transparent lens
LC503NBL1-15Q MARKTECH-LC503NBL1-15Q Datasheet
61Kb / 3P
   Blue 15 5mm LED lamp with water transparent lens
LC503NPG1-15Q MARKTECH-LC503NPG1-15Q Datasheet
56Kb / 3P
   Green 15 5mm LED lamp with water transparent lens
LC503MHR1-15Q MARKTECH-LC503MHR1-15Q Datasheet
59Kb / 3P
   Red 15 5mm LED lamp with water transparent lens
LC503MYL1-15Q MARKTECH-LC503MYL1-15Q Datasheet
66Kb / 3P
   Yellow 15 5mm LED lamp with water transparent lens
LC512MBG1-25Q MARKTECH-LC512MBG1-25Q Datasheet
62Kb / 3P
   Blue-Green 25 5mm LED lamp with water transparent lens.
LC512NBL1-25Q MARKTECH-LC512NBL1-25Q Datasheet
60Kb / 4P
   Blue 25 5mm LED lamp with water transparent lens.
LC503MBL1-06Q MARKTECH-LC503MBL1-06Q Datasheet
59Kb / 3P
   Blue 6 5mm LED lamp with water transparent lens
LC369MBL1-15Q MARKTECH-LC369MBL1-15Q Datasheet
85Kb / 3P
   Blue 15 3mm LED lamp with water transparent lens
LC512NPG1-25Q MARKTECH-LC512NPG1-25Q Datasheet
60Kb / 3P
   Green 25 5mm LED lamp with water transparent lens
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com