Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH3707PBF-1 Fiches technique(PDF) 7 Page - International Rectifier

No de pièce IRFH3707PBF-1
Description  Synchronous Buck Converter for Computer Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH3707PBF-1 Fiches technique(HTML) 7 Page - International Rectifier

Back Button IRFH3707PBF-1 Datasheet HTML 2Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 3Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 4Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 5Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 6Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 7Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 8Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 9Page - International Rectifier IRFH3707PBF-1 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRFH3707PbF-1
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 6, 2014
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 17. Gate Charge Test Circuit
Fig 16.
Peak Diode Recovery dv/dt Test Circuit for N-Channel
HEXFET® Power MOSFETs
CircuitLayoutConsiderations
• Low Stray Inductance
• Ground Plane
• LowLeakageInductance
Current Transformer
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T

Fig 18. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr


Numéro de pièce similaire - IRFH3707PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH3707PBF IRF-IRFH3707PBF Datasheet
210Kb / 10P
   HEXFET Power MOSFET
IRFH3707PBF IRF-IRFH3707PBF Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3707PBF IRF-IRFH3707PBF_10 Datasheet
311Kb / 10P
   HEXFETPower MOSFET
IRFH3707PBF IRF-IRFH3707PBF_15 Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
More results

Description similaire - IRFH3707PBF-1

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH3702PBF IRF-IRFH3702PBF_15 Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3707PBF IRF-IRFH3707PBF_15 Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3709ZCTRPBF IRF-IRFR3709ZCTRPBF Datasheet
302Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3707ZCPBF KERSEMI-IRFR3707ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3711ZCPBF KERSEMI-IRFU3711ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709Z KERSEMI-IRFR3709Z Datasheet
1Mb / 9P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707Z KERSEMI-IRFU3707Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3704ZTRPBF IRF-IRFR3704ZTRPBF Datasheet
272Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com