Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFH3702PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFH3702PBF
Description  Synchronous Buck Converter for Computer Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFH3702PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRFH3702PBF_15 Datasheet HTML 1Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 2Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 3Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 4Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 5Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 6Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 7Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 8Page - International Rectifier IRFH3702PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
09/21/10
IRFH3702PbF
HEXFET® Power MOSFET
Notes  through † are on page 10
Applications
Benefits
3mm x 3mm PQFN
l Low RDS(ON)
l Very Low Gate Charge
l Low Junction to PCB Thermal Resistance
l Fully Characterized Avalanche Voltage and
Current
l 100% Tested for RG
l Lead-Free (Qualified up to 260°C Reflow)
l RoHS compliant (Halogen Free)
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
D
D
D
D
S
G
S
S
VDSS
RDS(on) max
Qg
30V
7.1mΩ@VGS = 10V 9.6nC
l Synchronous Buck Converter for Computer
Processor Power
l Isolated DC to DC Converters for Network and
Telecom
l Buck Converters for Set-Top Boxes
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
PD @TA = 70°C
Power Dissipation
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
6.0
RθJA
Junction-to-Ambient
gh
–––
45
°C/W
RθJA
Junction-to-Ambient (t<10s)
h
–––
44
-55 to + 150
2.8
0.02
1.8
Max.
16
42
120
± 20
30
12
25
V
W
A
°C
PD - 97368A


Numéro de pièce similaire - IRFH3702PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH3702PBF IRF-IRFH3702PBF_10 Datasheet
280Kb / 10P
   HEXFET Power MOSFET
More results

Description similaire - IRFH3702PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFH3707PBF-1 IRF-IRFH3707PBF-1_15 Datasheet
234Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3707PBF IRF-IRFH3707PBF_15 Datasheet
311Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3709ZTRR KERSEMI-IRFR3709ZTRR Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3709ZCTRPBF IRF-IRFR3709ZCTRPBF Datasheet
302Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRF3704ZPBF IRF-IRF3704ZPBF Datasheet
366Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
Kersemi Electronic Co.,...
IRFR3707ZCPBF KERSEMI-IRFR3707ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3711ZCPBF KERSEMI-IRFU3711ZCPBF Datasheet
4Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFR3709Z KERSEMI-IRFR3709Z Datasheet
1Mb / 9P
   High Frequency Synchronous Buck Converters for Computer Processor Power
IRFU3707Z KERSEMI-IRFU3707Z Datasheet
1Mb / 11P
   High Frequency Synchronous Buck Converters for Computer Processor Power
logo
International Rectifier
IRFR3704ZTRPBF IRF-IRFR3704ZTRPBF Datasheet
272Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com