Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB7546PBF Fiches technique(PDF) 3 Page - International Rectifier

No de pièce IRFB7546PBF
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFB7546PBF Fiches technique(HTML) 3 Page - International Rectifier

  IRFB7546PBF Datasheet HTML 1Page - International Rectifier IRFB7546PBF Datasheet HTML 2Page - International Rectifier IRFB7546PBF Datasheet HTML 3Page - International Rectifier IRFB7546PBF Datasheet HTML 4Page - International Rectifier IRFB7546PBF Datasheet HTML 5Page - International Rectifier IRFB7546PBF Datasheet HTML 6Page - International Rectifier IRFB7546PBF Datasheet HTML 7Page - International Rectifier IRFB7546PBF Datasheet HTML 8Page - International Rectifier IRFB7546PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014
 
IRFB7546PbF
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
gfs
Forward Transconductance
150
–––
–––
S VDS = 10V, ID = 45A
Qg
Total Gate Charge
–––
58
87
ID = 45A
Qgs
Gate-to-Source Charge
–––
14
–––
VDS = 30V
Qgd
Gate-to-Drain Charge
–––
18
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg– Qgd)
–––
40
–––
td(on)
Turn-On Delay Time
–––
11
–––
ns
VDD = 30V
tr
Rise Time
–––
51
–––
ID = 45A
td(off)
Turn-Off Delay Time
–––
32
–––
RG= 2.7
tf
Fall Time
–––
34
–––
VGS = 10V
Ciss
Input Capacitance
–––
3000
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
280
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
180
–––
ƒ = 1.0MHz, See Fig.7
Coss eff.(ER)
Effective Output Capacitance
(Energy Related)
–––
290
–––
VGS = 0V, VDS = 0V to 48V
Coss eff.(TR)
Output Capacitance (Time Related)
–––
370
–––
VGS = 0V, VDS = 0V to 48V
Diode Characteristics  
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
75
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
300
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V TJ = 25°C,IS = 45A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt
–––
7.9
–––
V/ns TJ = 175°C,IS = 45A,VDS = 60V
trr
Reverse Recovery Time
–––
29
–––
ns
TJ = 25°C
VDD = 51V
–––
32
–––
TJ = 125°C
IF = 45A,
Qrr
Reverse Recovery Charge
–––
33
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
40
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
1.9
–––
A TJ = 25°C
nC  
D
S
G


Numéro de pièce similaire - IRFB7546PBF

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRFB7546 ISC-IRFB7546 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Description similaire - IRFB7546PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com