Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB7446GPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRFB7446GPBF
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFB7446GPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRFB7446GPBF_15 Datasheet HTML 1Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 2Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 3Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 4Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 5Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 6Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 7Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 8Page - International Rectifier IRFB7446GPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 19, 2014
 
IRFB7446GPbF
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
123
A  
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
87
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Wire Bond Limited)
120
IDM
Pulsed Drain Current 
492
PD @TC = 25°C
Maximum Power Dissipation
99
W
Linear Derating Factor
0.66
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Mounting Torque, 6-32 or M3 Screw
10 lbf·in (1.1 N·m)
 
Avalanche Characteristics 
EAS (Thermally limited)
Single Pulse Avalanche Energy 
111
mJ
EAS (Thermally limited)
Single Pulse Avalanche Energy 
236
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
1.52
°C/W  
RCS
Case-to-Sink, Flat Greased Surface
0.50
–––
RJA
Junction-to-Ambient 
–––
62
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max.
Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
––– 0.033 –––
V/°C
Reference to 25°C, ID = 5mA 
RDS(on)
–––
2.6
3.3
m

VGS = 10V, ID = 70A 
–––
3.9
–––
VGS = 6.0V, ID = 35A 
VGS(th)
Gate Threshold Voltage
2.2
3.0
3.9
V
VDS = VGS, ID = 100µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS =40 V, VGS = 0V
–––
–––
150
VDS =40V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
1.6
–––

Static Drain-to-Source On-Resistance
Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 120A. Note that current
limitations arising from heating of the device leads may occur with some lead mounting arrangements. (Refer to AN-1140)
Repetitive rating; pulse width limited by max. junction temperature.

Limited by TJmax, starting TJ = 25°C, L = 0.046mH,RG = 50, IAS = 70A, VGS =10V.
ISD  70A, di/dt  1174A/µs, VDD  V(BR)DSS, TJ  175°C.
Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.

Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, TJ = 25°C, L= 1mH, RG = 50, IAS = 22A, VGS =10V.


Numéro de pièce similaire - IRFB7446GPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRFB7446 ISC-IRFB7446 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB7446PBF IRF-IRFB7446PBF Datasheet
263Kb / 9P
   HEXFETPower MOSFET
IRFB7446PBF IRF-IRFB7446PBF Datasheet
540Kb / 10P
   Brushed Motor drive applications
IRFB7446PBF IRF-IRFB7446PBF_15 Datasheet
540Kb / 10P
   Brushed Motor drive applications
More results

Description similaire - IRFB7446GPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com