Moteur de recherche de fiches techniques de composants électroniques |
|
SMPPSERIES Fiches technique(PDF) 9 Page - Tyco Electronics |
|
SMPPSERIES Fiches technique(HTML) 9 Page - Tyco Electronics |
9 / 11 page Surface Mount Plastic PIN Diodes SMPP Series Specifications subject to change without notice. n North America: Tel. (800) 366-2266 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information. SOT-143 SC-79 0.020 0.50 0.053 1.35 inches mm Dimenstions: 0.020 0.50 0.035 0.89 0.115 2.92 0.045 1.17 0.045 1.14 0.030 0.76 inches mm Dimenstions: 0.045 1.14 0.106 2.69 0.031 0.79 Case Styles SOT-23 Case Style 287 SOT-23 (Case Style 287) INCHES MILLIMETERS DIM. MIN. MAX. MIN. MAX. A 0.048 1.22 B 0.008 0.20 C 0.040 1.00 D 0.013 0.020 0.35 0.50 E 0.003 0.006 0.08 0.15 F 0.110 0.119 2.80 3.00 G 0.047 0.056 1.20 1.40 H 0.037 typical 0.95 typical J 0.075 typical 1.90 typical K 0.103 2.60 L 0.024 0.60 DIM. GRADIENT M 10 ° max.1 N 2 ° . . .30° F D H J A G L C E B K N M Note: 1. Applicable on all sides 9 SOT-323 Case Style 1146 SOT-323 (Case Style 1146) INCHES MILLIMETERS DIM. MIN. MAX. MIN. MAX. A 0.063 0.087 1.6 2.2 B 0.045 0.053 1.15 1.35 C 0.079 0.087 2.0 2.2 D 0.047 0.055 1.2 1.4 E 0.008 0.016 0.2 0.4 F 0.031 0.039 0.8 1.0 G 0.004 0.1 H 0.003 0.08 J 0.004 0.1 0.006 0.010 0.15 0.25 A E D J H G F 10 ° MAX. C B |
Numéro de pièce similaire - SMPPSERIES |
|
Description similaire - SMPPSERIES |