Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDR105S Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KDR105S
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR105S Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KDR105S_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDR105S_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 2. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR105S
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
High frequency rectification
(Switching regulators, converters, choppers)
FEATURES
・Low Forward Voltage : V
F max=0.55V.
・Low Leakage Current : I
R max=10μ
A.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. NC
2. ANODE
3. CATHODE
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
Lot No.
DL
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=50μ
A
50
-
-
V
Forward Voltage
VF
IF=0.1A
-
-
0.55
V
Reverse Current
IR
VR=25V
-
-
10
μA
Total Capacitance
CT
VR=10V, f=1MHz
-
7.7
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
50
V
Reverse Voltage
VR
50
V
Average Forward Current
IO
0.1
A
Non-repetitive Peak Surge Current
IFSM
2
A
Junction Temperature
Tj
125
Storage Temperature
Tstg
-55
~125


Numéro de pièce similaire - KDR105S_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDR105S KEC-KDR105S_04 Datasheet
63Kb / 1P
   SOT-23 PACKAGE
More results

Description similaire - KDR105S_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com