Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA1162 Fiches technique(PDF) 1 Page - Tyco Electronics

No de pièce PA1162
Description  800-960 MHz(4 Watt Ultra Linear Power Amplifier)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

PA1162 Fiches technique(HTML) 1 Page - Tyco Electronics

  PA1162 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PA1162
800-960 MHz.
4 Watt
Ultra Linear Power Amplifier
Outline Drawings
Maximum Ratings
Storage Temperature ....... -40°C to +125°C
DC Voltage .................................. +12 volts
RF Input Power .......................... +11 dBm.
Case Temperature ........................... +95°C
IP3 measured with 2 tones @+22dBm. per tone
Min and max values from 0 to 85 degrees C
Features (typical values)
High IP3 ............................................. +52.0 dBm.
Low NF ...................................................... 2.3 dB.
High Output Power ............................. +36.2 dBm.
Low Cost
100 Emlen Way
Telford, Pa. 18969
Tel. (215) 723-6011
Fax. (215) 723-6015
Specifications subject to change without notice
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
e
u
l
a
V
.
n
i
M
e
u
l
a
V
.
x
a
M
e
u
l
a
V
s
t
i
n
U
y
c
n
e
u
q
e
r
F0
0
80
6
9.
z
H
M
n
i
a
G0
.
0
30
.
8
2.
B
d
s
s
e
n
t
a
l
F
n
i
a
G4
.
0
±0
.
1
±.
B
d
n
o
i
t
a
l
o
s
I
e
s
r
e
v
e
R5
4.
B
d
.
p
m
o
c
.
B
d
1
@
t
u
o
P2
.
6
35
.
5
3.
m
B
d
e
r
u
g
i
F
e
s
i
o
N3
.
27
.
3.
B
d
)
t
u
p
t
u
O
/
t
u
p
n
I
(
R
W
S
V1
:
2
/
1
:
5
.
11
:
5
.
2
/
1
:
2
)
e
n
o
t
o
w
t
(
3
P
I0
.
2
5
+0
.
0
5
+.
m
B
d
d
e
r
i
u
q
e
R
y
l
p
p
u
S0
5
4
1
/
0
1
+0
0
7
1
/
0
1
+.
A
m
/
.
v
Typical Performance @ 25°C
Rev:041001
G a i n v s . Fr e que nc y
28
30
32
800
850
900
960
N F v s . Fr e que nc y
1. 5
2
2. 5
800
850
900
960
P out v s . Fr e que nc y
36
36. 5
37
800
850
900
960
V S W R v s . Fr e que nc y
1. 4
1. 9
800
850
900
960
In
Ou t
I P 3 v s . Fr e que nc y
51
52
53
800
850
900
960
Fr e que nc y i n M H z .


Numéro de pièce similaire - PA1162

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
   RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
More results

Description similaire - PA1162

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1186 MACOM-PA1186 Datasheet
74Kb / 2P
   800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
   400-800 MHz 4 Watt Linear Power Amplifier
SM0825-36 STEALTH_MICROWAVE-SM0825-36 Datasheet
89Kb / 3P
   800-2500 MHz 4 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA1162 MA-COM-PA1162 Datasheet
117Kb / 2P
   RF Linear Hybrid Power Amplifier - 4 Watts 800 to 960 MHz
logo
Stealth Microwave, Inc.
SM09296-43 STEALTH_MICROWAVE-SM09296-43 Datasheet
97Kb / 2P
   925-960 MHz 20 Watt Linear Power Amplifier
SM09296-47 STEALTH_MICROWAVE-SM09296-47 Datasheet
107Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0929647-LDL STEALTH_MICROWAVE-SM0929647-LDL Datasheet
161Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM09296-47L STEALTH_MICROWAVE-SM09296-47L Datasheet
69Kb / 2P
   925-960 MHz 50 Watt Linear Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com