Moteur de recherche de fiches techniques de composants électroniques |
|
IRF3708PBF Fiches technique(PDF) 10 Page - International Rectifier |
|
IRF3708PBF Fiches technique(HTML) 10 Page - International Rectifier |
10 / 11 page IRF3708/S/LPbF 10 www.irf.com 3 4 4 TRR FEED DIRECTION 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) TRL FEED DIRECTION 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) MAX. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) MIN. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. D2Pak Tape & Reel Infomation Dimensions are shown in millimeters (inches) This is only applied to TO-220AB package Repetitive rating; pulse width limited by max. junction temperature. Notes: Starting TJ = 25°C, L = 0.7 mH RG = 25Ω, IAS = 24.8 A. Pulse width ≤ 300µs; duty cycle ≤ 2%. Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.06/04 |
Numéro de pièce similaire - IRF3708PBF |
|
Description similaire - IRF3708PBF |