Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


MD54-0007 Datasheet(Fiches technique) 3 Page - Tyco Electronics

Numéro de pièce MD54-0007
Description  Low Cost MMIC Mixer, 2.1 - 2.7 GHz
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo 

   
 3 page
background image
Part Description
Specifications subject to change without notice.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
3
Visit www.macom.com for additional data sheets and product information.
Low Cost MMIC Mixer, 2.1 – 2.7 GHz
MD54-0007
V 1.0
Application Schematic
1
23
4
5
L1
C1
R1
RF
IF
LO
GND
GND
External Circuitry Parts List
Part
LO = 2278 MHz
R1
1.0 K
L1
2.7 nH
C1
2.2 pF
All off-chip components are low-cost surface mount
components obtainable from multiple sources. (.060 in. x
.030 in. or .080 in. x .050 in. )
SOT-25 Package
-.007
+.004
.031
0.80 +0.10
-0.18
.008 MIN
0.20 MIN
.006
-.002
0.15
+0.10
.002± .002
0.05± 0.05
.016
-.002
0.40
+0.10
.114 ± .008
2.9± 0.2
.075± .008
1.90 ± 0.20
.110 ± .008
2.80± 0.20
.063
-004
1.60
+0.20
+.008
-0.10
+.004
-0.05
+.004
-0.05
.043
+.008
1.10 +0.20
-.004
-0.10




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
MD57-0001Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz 1 2 3 4 Tyco Electronics
SSW-308DC-3 GHz Low Cost GaAs MMIC SPDT Switch 1 2 Stanford Microdevices
MA4EX370L-1225Low Cost Silicon Double Balanced HMIC Mixer 3.0 - 4.0 GHz 1 2 Tyco Electronics
MA4EX580L-1225Low Cost Silicon Double Balanced HMIC Mixer 4.7 - 6.0 GHz 1 2 Tyco Electronics
MD54-0005Low Cost MMIC Mixer 800 - 1000 MHz 1 2 3 4 Tyco Electronics
MD54-0006Low Cost MMIC Mixer 1400 MHz - 2100 MHz 1 2 3 4 Tyco Electronics
LMX5080PLLatinum™ 2.7 GHz Low Power Dual Modulus Prescaler for RF Personal Communications 1 2 3 4 5 MoreNational Semiconductor (TI)
BAT15-099Silicon Dual Schottky Diode DBS mixer application to 12 GHz Low noise figure Low barrier type 1 2 3 4 Siemens Semiconductor Group
CXG1014N1.5 GHz Low Noise Amplifier/Down Conversion Mixer 1 2 3 4 5 MoreSony Corporation
AM035N5-0032-37 GHz GaAs MMIC Ring Hybrid Mixer 1 2 Alpha Industries

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl